Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P10CULU-3R33R3ELF Arkusz danych(PDF) 1 Page - PEAK electronics GmbH

Numer części P10CULU-3R33R3ELF
Szczegółowy opis  Single and Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PEAK [PEAK electronics GmbH]
Strona internetowa  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10CULU-3R33R3ELF Arkusz danych(HTML) 1 Page - PEAK electronics GmbH

  P10CULU-3R33R3ELF Datasheet HTML 1Page - PEAK electronics GmbH P10CULU-3R33R3ELF Datasheet HTML 2Page - PEAK electronics GmbH P10CULU-3R33R3ELF Datasheet HTML 3Page - PEAK electronics GmbH P10CULU-3R33R3ELF Datasheet HTML 4Page - PEAK electronics GmbH P10CULU-3R33R3ELF Datasheet HTML 5Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
THE WORLD OF DC/DC-CONVERTERS
PM3-Series
– P10CU / P10LU – Single / Dual Output – SIP7 - Plastic Case
Specification can change without a notice - We accept no liability for any inaccuracy or printing errors.
Page 1/5
P10CU-xxxxE/Z LF (1kV)
P10LU
–xxxxE/Z (Hxx)LF (3-6kV)
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
The PM3 series is a family of cost effective 2W single/dual output
DC/DC converters. They are encapsulated in an ultra miniature SIP7
(P10CU/L
U…) or DIP14 (P10DU/MU…) case. High performance
features: 1000-6000Vdc input/output isolation, high efficiency operation,
output voltage accuracy of ±3% maximum, input range of ±10% and low
output ripple and noise.
Input Specifications
Voltage Range
±10%
Current max.
52 – 797mA (See table)
Current No-Load
6 – 45mA (See table)
Filter
Capacitors
Reflected Ripple Current (@12uH)
20mA pk-pk
Output Specifications
Voltage accuracy
±3%
Line regulation (per 1% Vin change)
±1.2%
Load regulation ( 20% to 100% )
±10%
(for 3.3Vout)
±20%
Ripple & noise (20 MHz bandwidth)
75 mV pk-pk
Temperature coefficient
±0.02%/°C
Capacitor load (Test: min. Vin + const. load)
470uF (Single out)
±220uF (Dual out)
General Specifications
Efficiency
60% - 82% (See table)
Isolation I/O (60 sec)
1000VDC (P10CU-xxxxELF)
3000VDC (P10LU-xxxxELF)
4000-6000VDC (P10LU-xxxxEHxxLF)
Isolation I/O Capacitance
60 pF
Isolation I/O Resistance
1000 MΩ
Switching Frequency
80 kHz (variable) .)
Humidity (rel.)
95%
MTBF (Calculated MIL-HDBK-217F)
>1.121 Mhrs
Safety Standard (designed to meet)
IEC/EN 60950-1
Environment / Physical Specifications
Operation Temp. (Derating)
-40°C to 85°C
Case max.
100°C
Storage
-40°C to 125°C
Cooling
Nature / Free Air
Case Material
Plastic (UL94V-0 rated)
Potting
Epoxy (UL94V-0 rated)
Pin Material
Alloy42 (Solder coated)
Weight
2.3 g
EMC Specifications
Radiated Emissions
EN55022
Class B
Conducted Emissions*
EN55022
Class B
ESD
IEC-61000-4-2
Pref. Criteria A
RS
IEC-61000-4-3
Pref. Criteria A
EFT*
IEC-61000-4-4
Pref. Criteria A
Surge*
IEC-61000-4-5
Pref. Criteria A
CS
IEC-61000-4-6
Pref. Criteria A
PFMF
IEC-61000-4-8
Pref. Criteria A
*Input filter components are required to meet conducted emission class B
(see App Note). An external filter capacitor (e.g. 470uF/100V) is required
if the module has to meet IEC61000-4-4 and IEC61000-4-5.
Rev. 09-2015
PM3-SERIES
 2 Watt
 Unregulated
 Single and Dual Output
 SIP7 Case
 1-6 kV DC I/O Isolation
 Low Ripple and Noise
www.peak-electronics.de
Tel. +49 ( 0 ) 6135 7026-0
peak@peak-electronics.de


Podobny numer części - P10CULU-3R33R3ELF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PEAK electronics GmbH
P10CU-0505E PEAK-P10CU-0505E Datasheet
222Kb / 2P
1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10CU-0505ELF PEAK-P10CU-0505ELF Datasheet
150Kb / 4P
PM3-SERIES
P10CU-0505Z PEAK-P10CU-0505Z Datasheet
233Kb / 2P
1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P10CU-0509ELF PEAK-P10CU-0509ELF Datasheet
150Kb / 4P
PM3-SERIES
P10CU-0512E PEAK-P10CU-0512E Datasheet
222Kb / 2P
1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
More results

Podobny opis - P10CULU-3R33R3ELF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
Single and dual output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
Single and Dual Output
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
Single and Dual Output
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
SINGLE and DUAL Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
Single and Dual Output
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
Single and Dual Output
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com