Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM4840 Arkusz danych(PDF) 2 Page - SamHop Microelectronics Corp.

Numer części STM4840
Szczegółowy opis  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM4840 Arkusz danych(HTML) 2 Page - SamHop Microelectronics Corp.

  STM4840 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM4840 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM4840 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM4840 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM4840 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM4840 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM4840 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
IGSS
±100
nA
VGS(th)
V
14
m ohm
VGS=10V , ID=4.5A
RDS(ON)
Drain-Source On-State Resistance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=24V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
ON CHARACTERISTICS
17
STM4840
Ver 1.0
www.samhop.com.tw
Dec,20,2012
2
11.8
3
gFS
S
CISS
678
pF
COSS
119
pF
CRSS
96
pF
Qg
14
nC
15
17
22
tD(ON)
10.8
ns
tr
ns
tD(OFF)
ns
tf
ns
VDS=15V,VGS=0V
SWITCHING CHARACTERISTICS
VDD=15V
ID=1A
VGS=10V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
VDS=10V , ID=4.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
Forward Transconductance
Reverse Transfer Capacitance
c
f=1.0MHz
c
VSD
nC
Qgs
nC
Qgd
1.5
3.2
Gate-Drain Charge
Gate-Source Charge
Diode Forward Voltage
VDS=15V,ID=4.5A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=3A
0.82
1.3
V
Notes
VDS=15V,ID=4.5A,VGS=10V
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.3mH,VDD = 20V.(See Figure13)
_
_
_
16
VGS=4.5V , ID=3.4A
m ohm
21
28
nC
5.5
VDS=15V,ID=4.5A,VGS=4.5V



Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com