Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD2S83IP Arkusz danych(PDF) 2 Page - Analog Devices

Numer części AD2S83IP
Szczegółowy opis  Variable Resolution, Resolver-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD2S83IP Arkusz danych(HTML) 2 Page - Analog Devices

  AD2S83IP Datasheet HTML 1Page - Analog Devices AD2S83IP Datasheet HTML 2Page - Analog Devices AD2S83IP Datasheet HTML 3Page - Analog Devices AD2S83IP Datasheet HTML 4Page - Analog Devices AD2S83IP Datasheet HTML 5Page - Analog Devices AD2S83IP Datasheet HTML 6Page - Analog Devices AD2S83IP Datasheet HTML 7Page - Analog Devices AD2S83IP Datasheet HTML 8Page - Analog Devices AD2S83IP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD2S83* PRODUCT PAGE QUICK LINKS
Last Content Update: 02/23/2017
COMPARABLE PARTS
View a parametric search of comparable parts.
DOCUMENTATION
Application Notes
• AN-203: Using the AD2S80 Series Resolver-to-Digital
Converters as Control Transformers
• AN-234: Digital Resolver Integration
• AN-236: Speed Measurement and Control with the
AD2S83, "Silicon Tachogenerator"
• AN-252: Using the AD2S80 Series Resolver to Digital
Converters with Synchro's; Solid State Scott-T Circuit.
• AN-263: Resolver to Digital Conversion; Simple Alternative
to Optical Shaft Encoders
• AN-264: Dynamic Characteristics of Tracking Converter
• AN-265: Circuit Applications of the AD2S80 and AD2S81
Resolver to Digital
• AN-266: Passive Component Selection and Dynamic
Modeling for the AD2S80 Series Resolver to Digital
Converter
Data Sheet
• AD2S83: Variable Resolution Resolver-to-Digital Converter
Data Sheet
REFERENCE MATERIALS
Technical Articles
• DSP Motor Control in Domestic Appliance Applications
• Single Chip DSP Motor Control Systems Catching on in
Home Appliances
DESIGN RESOURCES
• AD2S83 Material Declaration
• PCN-PDN Information
• Quality And Reliability
• Symbols and Footprints
DISCUSSIONS
View all AD2S83 EngineerZone Discussions.
SAMPLE AND BUY
Visit the product page to see pricing options.
TECHNICAL SUPPORT
Submit a technical question or find your regional support
number.
DOCUMENT FEEDBACK
Submit feedback for this data sheet.
This page is dynamically generated by Analog Devices, Inc., and inserted into this data sheet. A dynamic change to the content on this page will not
trigger a change to either the revision number or the content of the product data sheet. This dynamic page may be frequently modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20