| Zakładka z wyszukiwarką danych komponentów |
|
TLC2274AMD Arkusz danych(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2274AMD Arkusz danych(HTML) 39 Page - Texas Instruments |
|
39 / 52 page ![]() TLC227x, TLC227xA Advanced LinCMOS ™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS SLOS190B – FEBRUARY 1997 – REVISED JULY 1999 39 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS SUPPLY VOLTAGE REJECTION RATIO† vs FREE-AIR TEMPERATURE TA – Free-Air Temperature – °C – 75 – 50 – 25 0 25 50 75 100 125 100 95 90 85 105 110 VDD ± = ± 2.2 V to ± 8 V VO = 0 Figure 35 0 1 23 45 6 7 8 0 0.6 1.2 1.8 2.4 3 |VDD ± | – Supply Voltage – V VO = 0 No Load TA = 25°C TA = – 55°C TA = 125°C Figure 36 TLC2272 SUPPLY CURRENT† vs SUPPLY VOLTAGE Figure 37 01 23 4 5 6 7 8 0 1.2 2.4 3.6 4.8 6 |VDD ± | – Supply Voltage – V VO = 0 No Load TA = 25°C TA = – 55°C TA = 125°C TLC2274 SUPPLY CURRENT† vs SUPPLY VOLTAGE Figure 38 – 75 – 50 – 25 0 25 50 75 100 125 0 0.6 1.2 1.8 2.4 3 TA – Free-Air Temperature – °C VDD = 5 V VO = 2.5 V VDD = ± 5 V VO = 0 TLC2272 SUPPLY CURRENT† vs FREE-AIR TEMPERATURE † Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices. |