| Zakładka z wyszukiwarką danych komponentów |
|
TSM103WID Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSM103WID Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() ELECTRICAL CHARACTERISTICS TSM103W 3/7 2 ELECTRICAL CHARACTERISTICS OPERATOR 2 (independent op-amp) V CC + = +5V, V CC = Ground, Vo = 1.4V,Tamb = 25°C (unless otherwise specified) Symbol Parameter Min. Typ. Max. Unit ICC Total Supply Current, excluding Current in the Voltage Reference Vcc+ = 5V, no load Tmin. < Tamb < Tmax. Vcc+ = 30V, no load Tmin. < Tamb < Tmax 0.7 1.2 2 mA Symbol Parameter Min. Typ. Max. Unit Vio Input Offset Voltage Vicm = 0V TSM103WA, Tamb = 25° Tmin. ≤ Tamb ≤ Tmax. TSM103W, Tamb = 25° Tmin. ≤ Tamb ≤ Tmax. 0.5 1 2 3 4 5 mV DVio Input Offset Voltage Drift 7 µV/°C Iio Input Offset Current Tmin. ≤ Tamb ≤ Tmax. 2 75 150 nA Iib Input Bias Current Tmin. ≤ Tamb ≤ Tmax 20 150 200 nA Avd Large Signal Voltage Gain VCC = 15V, RL = 2k, Vo = 1.4V to 11.4V Tmin. ≤ Tamb ≤ Tmax. 50 25 100 V/mV SVR Supply Voltage Rejection Ratio VCC = 5V to 30V 65 100 dB Vicm Input Common Mode Voltage Range VCC = +30V - see note 1 Tmin. ≤ Tamb ≤ Tmax. 0 0 (VCC+) -1.5 (VCC +) -2 V CMR Common Mode Rejection Ratio Tmin. ≤ Tamb ≤ Tmax. 70 60 85 dB Isource Output Current Source VCC = +15V, Vo = 2V, Vid = +1V 20 40 mA Io Short Circuit to Ground VCC = +15V 40 60 mA Isink Output Current Sink Vid = -1V, VCC = +15V, Vo = 2V VCC = +15V, Vo = 0.2V 10 12 20 50 mA µA VOH High Level Output Voltage VCC + = 30V Tamb = 25°C, RL = 2k Tmin. ≤ Tamb ≤ Tmax Tamb = 25°C, RL = 10k Tmin. ≤ Tamb ≤ Tmax. 26 26 27 27 27 28 V VOL Low Level Output Voltage RL = 10k Tmin. ≤ Tamb ≤ Tmax. 520 20 mV SR Slew Rate at Unity Gain Vi = 0.5 to 3V, VCC = 15V RL = 2k, CL = 100pF, unity gain 0.2 0.4 V/ µs |