Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP820S Arkusz danych(PDF) 2 Page - SamHop Microelectronics Corp.

Numer części STP820S
Szczegółowy opis  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STP820S Arkusz danych(HTML) 2 Page - SamHop Microelectronics Corp.

  STP820S Datasheet HTML 1Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 2Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 3Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 4Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 5Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 6Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 7Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 8Page - SamHop Microelectronics Corp. STP820S Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4 Symbol
Min
Typ
Max
Units
BVDSS
75
V
1
IGSS
±100
nA
VGS(th)
1.0
V
15
VGS=4.5V , ID=25A
18
24
m ohm
gFS
48
S
VSD
CISS
1152
pF
COSS
182
pF
CRSS
122
pF
Qg
15
nC
30
nC
Qgs
51
nC
Qgd
19
tD(ON)
18.5
ns
tr
1.8
ns
tD(OFF)
6.5
ns
tf
ns
Gate-Drain Charge
VDS=25V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=37.5V
ID=1A
VGS=10V
RGEN= 6 ohm
Total Gate Charge
Rise Time
Turn-Off DelayTime
VDS=37.5V,ID=26A,VGS=10V
Fall Time
Turn-On DelayTime
m ohm
VGS=10V , ID=27A
VDS=10V , ID=27A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=250uA
VDS=60V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body leakage current
ELECTRICAL CHARACTERISTICS (TC=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
3.0
19
b
f=1.0MHz
b
VDS=37.5V,ID=26A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=6A
0.77
1.3
V
www.samhop.com.tw
2
1.8
Jun,08,2015
STB820S
STP820S
Ver 1.0
Notes
a.Pulse Test:Pulse Width < 10us, Duty Cycle < 1%.
b.Guaranteed by design, not subject to production testing.
c.Drain current limited by maximum junction temperature.
d.Starting TJ=25°C,L=0.5mH,VDD = 40V.
e.Mounted on FR4 Board of 1 inch2 , 2oz.
_
_
nC
11
VDS=37.5V,ID=26A,VGS=4.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com