| Zakładka z wyszukiwarką danych komponentów |
|
74V1G384STR Arkusz danych(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74V1G384STR Arkusz danych(HTML) 3 Page - STMicroelectronics |
|
3 / 9 page ![]() 74V1G384 3/9 DC SPECIFICATIONS AC ELECTRICAL CHARACTERISTICS (CL = 50pF, Input tr =tf = 3ns) (*) Voltage range is 3.3V ± 0.3V (**) Voltage range is 5.0V ± 0.5V Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 2.0 1.5 1.5 1.5 V 3.0 to 5.5 0.7VCC 0.7VCC 0.7VCC VIL Low Level Input Voltage 2.0 0.5 0.5 0.5 V 3.0 to 5.5 0.3VCC 0.3VCC 0.3VCC RON ON Resistance 3.0 VIC =VIL VI/O =GND II/O ≤ 30 mA 913 20 Ω 4.5 VIC =VIL VI/O =GND II/O ≤ 30 mA 710 15 Ω RON ON Resistance 3.0 VIC =VIL VI/O =1.5V II/O ≤ 15 mA 20 40 60 Ω 4.5 VIC =VIL VI/O =2.4V II/O ≤ 15 mA 14 28 40 Ω IOFF Input/Output Leakage Current (SWITCH OFF) 5.5 VOS =VCC to GND VIS =VCC to GND VIC =VIL ±0.1 ± 1 ± 10 µA IIN Control Input Leakage Current 0to 5.5 VIC =5.5VorGND ± 0.1 ± 1.0 ± 1.0 µA ICC Quiescent Supply Current 5.5 VI =VCC or GND 110 20 µA Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. tPD Delay Time 3.3(*) tr =tf =6ns 0.8 1.2 1.5 2.0 ns 5.0(**) tr =tf =6ns 0.5 0.8 1.0 1.5 tPLZ tPHZ Output Disable Time 3.3(*) R1 = 500Ω VIN=1.5V 8.5 12.0 14.0 16.0 ns 5.0(**) R1 = 500Ω VIN=2.4V 3.8 6.5 9.0 10.0 tPZL tPZH Output Enable Time 3.3(*) R1 =1KΩ VIN=1.5V 7.3 12.0 14.0 16.0 ns 5.0(**) R1 =1KΩ VIN=2.4V 3.3 5.0 7.5 8.5 |