| Zakładka z wyszukiwarką danych komponentów |
|
AR0141CS Arkusz danych(PDF) 8 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0141CS Arkusz danych(HTML) 8 Page - ON Semiconductor |
|
8 / 48 page ![]() AR0141CS www.onsemi.com 8 PIXEL DATA FORMAT Pixel Array Structure The AR0141CS pixel array consists of 1280 columns by 800 rows of optically active pixels. While the sensor’s format is 1344 × 848, additional active columns and active rows are included for use when horizontal or vertical mirrored readout is enabled, to allow readout to start on the same pixel. The pixel adjustment is always performed for monochrome or color versions. The active area is surrounded with optically transparent dummy pixels to improve image uniformity within the active area. Not all dummy pixels or barrier pixels can be read out. Figure 5. Pixel Array Description NOT TO SCALE All dimensions in PIXELS unless otherwise stated 1348 (2+1344+2) Active pixels total = 1348 868 (8+2+4+848+6) Transport pixels 8 Figure 6. RGB Pixel Color Pattern Detail (Top Right Corner) − AR0141CS G B G B G B R G R G R G R G R G R G R G R G R G R G R G R G G B G B G B G B G B G B G B G B G B Column Readout Direction Active Pixel (0, 0) Array Pixel (0, 0) … |