| Zakładka z wyszukiwarką danych komponentów |
|
M24C01-WMB3T/G Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01-WMB3T/G Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 29 page ![]() M24C16, M24C08, M24C04, M24C02, M24C01 28/29 REVISION HISTORY Table 25. Document Revision History Date Version Description of Revision 10-Dec-1999 2.4 TSSOP8 Turned-Die package removed (p 2 and order information) Lead temperature added for TSSOP8 in table 2 18-Apr-2000 2.5 Labelling change to Fig-2D, correction of values for ‘E’ and main caption for Tab-13 05-May-2000 2.6 Extra labelling to Fig-2D 23-Nov-2000 3.0 SBGA package information removed to an annex document -R range changed to being the -S range, and the new -R range added 19-Feb-2001 3.1 SBGA package information put back in this document Lead Soldering Temperature in the Absolute Maximum Ratings table amended Write Cycle Polling Flow Chart using ACK illustration updated References to PSDIP changed to PDIP and Package Mechanical data updated Wording brought in to line with standard glossary 20-Apr-2001 3.2 Revision of DC and AC characteristics for the -S series 08-Oct-2001 3.3 Ball numbers added to the SBGA connections and package mechanical illustrations 09-Nov-2001 3.4 Specification of Test Condition for Leakage Currents in the DC Characteristics table improved 30-Jul-2002 3.5 Document reformatted using new template. SBGA5 package removed TSSOP8 (3x3mm² body size) package (MSOP8) added. -L voltage range added 04-Feb-2003 3.6 Document title spelt out more fully. “W”-marked devices with tw=5ms added. 05-May-2003 3.7 -R voltage range upgraded to 400kHz working, and no longer preliminary data. 5V voltage range at temperature range 3 (-xx3) no longer preliminary data. -S voltage range removed. -Wxx3 voltage+temp ranged added as preliminary data. 07-Oct-2003 4.0 Table of contents, and Pb-free options added. Minor wording changes in Summary Description, Power-On Reset, Memory Addressing, Read Operations. VIL(min) improved to -0.45V. tW(max) value for -R voltage range corrected. 17-Mar-2004 5.0 MLP package added. Absolute Maximum Ratings for VIO(min) and VCC(min) changed. Soldering temperature information clarified for RoHS compliant devices. Device grade information clarified. Process identification letter “G” information added. 2.2-5.5V range is removed, and 4.5-5.5V range is now Not for New Design |