Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3835LF-36 Arkusz danych(PDF) 1 Page - Pasternack Enterprises, Inc.

Numer części PE3835LF-36
Szczegółowy opis  SMA Male to SMA Female Bulkhead Cable 36 Inch Length
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3835LF-36 Arkusz danych(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3835LF-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3835LF-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3835LF-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3835LF-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: SMA Male
• Connector 2: SMA Female Bulkhead
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Capacitance
32 [104.99]
pF/ft [pF/m]
.
Mechanical Specifications
Cable Assembly
Length
36 in [914.4 mm]
Diameter
0.312 in [7.92 mm]
.
Weight
0.025 lbs [11.34 g]
Cable Color
Tan
Connection Type
In-Series
Cable
Cable Type
RG316
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP
Jacket Diameter
0.098 in [2.49 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male to SMA Female Bulkhead Cable 36 Inch Length Using RG316 Coax, RoHS
PE3835LF-36
PE3835LF-36 REV
SMA Male to SMA Female Bulkhead Cable
36 Inch Length Using RG316 Coax, RoHS
RF Cable Assemblies - PE3835LF-36


Podobny numer części - PE3835LF-36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3835LF-12 PASTERNACK-PE3835LF-12 Datasheet
660Kb / 4P
SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835LF-18 PASTERNACK-PE3835LF-18 Datasheet
660Kb / 4P
SMA Male to SMA Female Bulkhead Cable 18 Inch Length
PE3835LF-24 PASTERNACK-PE3835LF-24 Datasheet
660Kb / 4P
SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PE3835LF-48 PASTERNACK-PE3835LF-48 Datasheet
662Kb / 4P
SMA Male to SMA Female Bulkhead Cable 48 Inch Length
PE3835LF-6 PASTERNACK-PE3835LF-6 Datasheet
662Kb / 4P
SMA Male to SMA Female Bulkhead Cable 6 Inch Length
More results

Podobny opis - PE3835LF-36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3825-36 PASTERNACK-PE3825-36 Datasheet
368Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length RF Cable
PE3825LF-36 PASTERNACK-PE3825LF-36 Datasheet
373Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length RF Cable
PE3832-36 PASTERNACK-PE3832-36 Datasheet
346Kb / 4P
SMA Male to SMA Female Cable 36 Inch Length
PE3835-18 PASTERNACK-PE3835-18 Datasheet
654Kb / 4P
SMA Male to SMA Female Bulkhead Cable 12 Inch Length
PE3835-36 PASTERNACK-PE3835-36 Datasheet
656Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length
PE3835LF-24 PASTERNACK-PE3835LF-24 Datasheet
660Kb / 4P
SMA Male to SMA Female Bulkhead Cable 24 Inch Length
PE3836-36 PASTERNACK-PE3836-36 Datasheet
659Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length
PE3836LF-36 PASTERNACK-PE3836LF-36 Datasheet
666Kb / 4P
SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length
PE3956-36 PASTERNACK-PE3956-36 Datasheet
375Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length
PE3C2892-36 PASTERNACK-PE3C2892-36 Datasheet
353Kb / 4P
SMA Male to SMA Female Bulkhead Cable 36 Inch Length Using RG402 Coax
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com