| Zakładka z wyszukiwarką danych komponentów |
|
M95256-RBN6TG Arkusz danych(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256-RBN6TG Arkusz danych(HTML) 23 Page - STMicroelectronics |
|
23 / 39 page ![]() 23/39 M95256, M95128 Table 11. AC Measurement Conditions Note: Output Hi-Z is defined as the point where data out is no longer driven. Figure 15. AC Measurement I/O Waveform Table 12. Capacitance Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 5 MHz. Symbol Parameter Min. Max. Unit CL Load Capacitance 100 pF Input Rise and Fall Times 50 ns Input Pulse Voltages 0.2VCC to 0.8VCC V Input and Output Timing Reference Voltages 0.3VCC to 0.7VCC V Symbol Parameter Test Condition Min. Max. Unit COUT Output Capacitance (Q) VOUT = 0V 8 pF CIN Input Capacitance (D) VIN = 0V 8 pF Input Capacitance (other pins) VIN = 0V 6 pF AI00825B 0.8VCC 0.2VCC 0.7VCC 0.3VCC Input and Output Timing Reference Levels Input Levels |