| Zakładka z wyszukiwarką danych komponentów |
|
AD12400KWS Arkusz danych(PDF) 13 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD12400KWS Arkusz danych(HTML) 13 Page - Analog Devices |
|
13 / 28 page ![]() AD12400 Rev. 0 | Page 13 of 28 TYPICAL PERFORMANCE CHARACTERISTICS NOTE X = Image spur N = Interleaved offset spur –120 –110 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 0 20 40 60 80 100 120 140 160 180 200 SNR = 63.3dB SFDR = 75dBc SINAD = 62.9dB IMAGE SPUR = 80.5dBc 2 3 4 5 6 X N FREQUENCY (MHz) Figure 6. FFT: fS = 400 MSPS, AIN = 10.123 MHz @ –1.0 dBFS –120 –110 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 0 20 40 60 80 100 120 140 160 180 200 SNR = 63.1dB SFDR = 78.7dBc SINAD = 62.7dB IMAGE SPUR = 78.8dBc 2 3 4 5 6 FREQUENCY (MHz) N X Figure 7. FFT: fS = 400 MSPS, AIN = 65.123 MHz @ –1.0 dBFS –120 –110 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 0 20 40 60 80 100 120 140 160 180 200 SNR = 62.5dB SFDR = 69.9dBc SINAD = 61.1dB IMAGE SPUR = 73.4dBc 2 3 4 5 6 X FREQUENCY (MHz) N Figure 8. FFT: fS = 400 MSPS, AIN = 128.123 MHz @ –1.0 dBFS –120 –110 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 0 20 40 60 80 100 120 140 160 180 200 SNR = 61.6dB SFDR = 69.0dBc SINAD = 60.0dB IMAGE SPUR = 70.4dBc 2 3 4 5 6 X N FREQUENCY (MHz) Figure 9. FFT: fS = 400 MSPS, AIN = 180.123 MHz @ –1.0 dBFS –120 –110 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 0 20 40 60 80 100 120 140 160 180 200 SFDR = 76.3dBc FREQUENCY (MHz) X1 N X2 Figure 10. Two-Tone Intermodulation Distortion (25.1 MHz and 28.1 MHz; fS = 400 MSPS) 0 20 40 60 80 100 120 140 160 180 200 SFDR = 77.3dBc FREQUENCY (MHz) –120 –110 –100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0 X2 X1 N Figure 11. Two-Tone Intermodulation Distortion (70.1 MHz and 73.1 MHz; fS = 400 MSPS) |