| Zakładka z wyszukiwarką danych komponentów |
|
M95640-RDL6TG Arkusz danych(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95640-RDL6TG Arkusz danych(HTML) 24 Page - STMicroelectronics |
|
24 / 39 page ![]() M95640, M95320 24/39 Table 14. DC Characteristics (M95xxx, temperature range 3) Note: 1. For all 5V range devices, the device meets the output requirements for both TTL and CMOS standards. 2. Current product: identified by Process Identification letter S. 3. New product: identified by Process Identification letter B. Table 15. DC Characteristics (M95xxx-W, temperature range 6) Note: 1. Current product: identified by Process Identification letter S. 2. New product: identified by Process Identification letter V. Symbol Parameter Test Condition Min. Max. Unit ILI Input Leakage Current VIN = VSS or VCC ± 2 µA ILO Output Leakage Current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply Current C= 0.1VCC/0.9VCC at 2 MHz, VCC = 5 V, Q = open, Current Product 2 2mA C = 0.1VCC/0.9VCC at 5 MHz, VCC = 5 V, Q = open, New Product 3 4 mA ICC1 Supply Current (Stand-by) S = VCC , VCC = 5 V, VIN = VSS or VCC, Current Product 2 20 µA S = VCC , VCC = 5 V, VIN = VSS or VCC, New Product 3 5 µA VIL Input Low Voltage –0.45 0.3 VCC V VIH Input High Voltage 0.7 VCC VCC+1 V VOL 1 Output Low Voltage IOL = 2 mA, VCC = 5 V 0.4 V VOH 1 Output High Voltage IOH = –2 mA, VCC = 5V 0.8VCC V Symbol Parameter Test Condition Min. Max. Unit ILI Input Leakage Current VIN = VSS or VCC ± 2 µA ILO Output Leakage Current S = VCC, VOUT = VSS or VCC ± 2 µA ICC Supply Current C= 0.1VCC/0.9VCC at 2 MHz, VCC = 2.5 V, Q = open, Current Product 1 2mA C= 0.1VCC/0.9VCC at 5 MHz, VCC = 2.5 V, Q = open, New Product 2 3 mA ICC1 Supply Current (Stand-by) S = VCC , VCC = 2.5 V, VIN = VSS or VCC, Current Product 1 2µA S = VCC , VCC = 2.5 V VIN = VSS or VCC, New Product 2 1 µA VIL Input Low Voltage –0.45 0.3 VCC V VIH Input High Voltage 0.7 VCC VCC+1 V VOL Output Low Voltage IOL = 1.5 mA, VCC = 2.5 V 0.4 V VOH Output High Voltage IOH = –0.4 mA, VCC = 2.5 V 0.8 VCC V |