Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S1KF Arkusz danych(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Numer części S1KF
Szczegółowy opis  S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Strona internetowa  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

S1KF Arkusz danych(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  S1KF Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. S1KF Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S1AF THRU S1MF
Ratings at 25
ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
°C
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Instantaneous Forward Voltage at 1 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at Ta = 65
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
1)
Typical Junction Capacitance
2)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
1
30
1.1
5
50
4
180
-55 ~ +150
A
A
V
μA
pF
°C
Maximum Ratings and Electrical characteristics
S1AF
S1BF
S1DF
S1GF
S1JF
S1KF
S1MF
Typical Thermal Resistance
RθJA
Measured at 1 MHz and applied reverse voltage of 4 V D.C
2
)Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length, P.C.B. mounted
1
)
°C/W
Cj
T , T
j
stg
Symbols
Units
FEATURES
For surface mounted applications
Low profile package
Glass Passivated Chip Juntion
Easy to pick and place
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: SMAF
Terminals: Solderable per MIL-STD-750, Method 2026
pprox. Weight: 27mg 0.00086oz
•
•
•
•
•
•
•
• A
星合电子
XINGHE ELECTRONICS
S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
R e v e r s e Vo l t a g e - 5 0 t o 1 0 0 0 V
F o r w a r d C u r r e n t - 1
A
1
GAOMI XINGHE ELECTRONICS CO.,LTD.                      WWW.SDDZG.COM
0.179(4.40)
0.199(5.05)
0.150(3.80)
0.035(0.90)
Dimensions in inches and (millimeters)
SMAF
Cathode Band
Top View
0.128(3.25)
0.110(2.80)
0.094(2.40)
0.051(1.30)
0.059(1.50)
0.055(1.40)
0.012(0.30)
0.006(0.15)
0.047(1.20)
0.028(0.70)
XH


Podobny numer części - S1KF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YENYO TECHNOLOGY Co., L...
S1KF YENYO-S1KF Datasheet
204Kb / 2P
1.0A General Purpose Rectifier
logo
Microdiode Semiconducto...
S1KF CHENDA-S1KF Datasheet
646Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S1KF YFWDIODE-S1KF Datasheet
119Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Taiwan Memory Technolog...
S1KF TMT-S1KF Datasheet
186Kb / 4P
1A, 600V - 1000V Surface Mount Rectifiers
logo
Chongqing Pingwei Enter...
S1KF CHONGQING-S1KF Datasheet
177Kb / 1P
1.0AMP. GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
More results

Podobny opis - S1KF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
AMETHERM Circuit Protec...
AS320R536 AMETHERM-AS320R536_12 Datasheet
244Kb / 3P
I N R U S H C U R R E N T L I M I T E R S
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
G5M2111 ETL-G5M2111 Datasheet
751Kb / 5P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM62FP ETL-GM62FP Datasheet
1Mb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GM2116 ETL-GM2116 Datasheet
395Kb / 4P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
GP103A ETL-GP103A Datasheet
187Kb / 4P
D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GQ2123 ETL-GQ2123 Datasheet
559Kb / 7P
C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com