| Zakładka z wyszukiwarką danych komponentów |
|
HZS5LL Arkusz danych(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HZS5LL Arkusz danych(HTML) 2 Page - Renesas Technology Corp |
|
2 / 5 page ![]() HZS-LL Series Rev.2.00, Jan.06.2004, page 2 of 4 Absolute Maximum Ratings (Ta = 25°C) Item Symbol Value Unit Power dissipation Pd 250 mW Junction temperature Tj 175 °C Storage temperature Tstg –55 to +175 °C Electrical Characteristics (Ta = 25°C) VZ(V) * 1 IR(nA) ZZT(Ω) ZZK(kΩ)* 2 ∆V Z1(V) * 3 ∆V Z2(V) * 3 Type Grade Min Max IZ(mA) Max VR(V) Max IZT(mA) Typ IZK(µA) Max Max HZS2LL A 1.6 2.0 0.5 100 0.5 350 0.5 (1.2) 50 0.5 0.6 B 1.9 2.3 C 2.2 2.6 HZS3LL A 2.5 2.9 0.5 100 1.0 360 0.5 (1.2) 50 0.5 0.6 B 2.8 3.2 C 3.1 3.5 HZS4LL A 3.4 3.8 0.5 100 2.0 370 0.5 (1.5) 50 0.5 0.6 B 3.7 4.1 C 4.0 4.4 HZS5LL A 4.3 4.7 0.5 100 3.0 380 0.5 (1.5) 50 0.5 0.6 B 4.6 5.0 C 4.9 5.3 Notes: 1. Tested with DC. 2. Reference only. 3. ∆V Z1 = VZ (IZ = 0.5 mA) – VZ1 (Iz = 0.05 mA) ∆V Z2 = VZ1 (IZ = 0.05 mA) – VZ2 (Iz = 0.001 mA) 4. Type No. is as follows; HZS2ALL, HZS2BLL, HZS5CLL. |