Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Z1K221-RK-10 Arkusz danych(PDF) 5 Page - Superworld Electronics

Numer części Z1K221-RK-10
Szczegółowy opis  Ferrite Chip Bead ??Z1 Large Current Application Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUPERWORLD [Superworld Electronics]
Strona internetowa  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z1K221-RK-10 Arkusz danych(HTML) 5 Page - Superworld Electronics

  Z1K221-RK-10 Datasheet HTML 1Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 2Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 3Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 4Page - Superworld Electronics Z1K221-RK-10 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ferrite Chip Bead – Z1 Large Current Application Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
10/01/2017
P5
9-4. Tearing Off Force
Application Notice:
1. Storage Conditions:
To maintain the solderabililty of terminal electrodes:
a) Recommended products should be used within 12 months from the time of delivery.
b) The packaging material should be kept where no chlorine or sulfur exists in the air.
2. Transportation:
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
b) Vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
The force for tearing off cover tape is 15 to 60 grams in the arrow
direction under the following conditions.
Room Temp
(°C)
Room
Humidity (%)
Room atm
(hPa)
Tearing Speed
(mm/min)
5 - 35
45 - 85
860 - 1060
300



Html Pages

1 2 3 4 5