| Zakładka z wyszukiwarką danych komponentów |
|
M41ST87YMX6TR Arkusz danych(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87YMX6TR Arkusz danych(HTML) 12 Page - STMicroelectronics |
|
12 / 42 page ![]() M41ST87Y, M41ST87W 12/42 READ Mode In this mode the master reads the M41ST87Y/W slave after setting the slave address (see Figure 9., page 12). Following the WRITE Mode Control Bit (R/W=0) and the Acknowledge Bit, the word address 'An' is written to the on-chip address pointer. Next the START condition and slave ad- dress are repeated followed by the READ Mode Control Bit (R/W=1). At this point the master trans- mitter becomes the master receiver. The data byte which was addressed will be trans- mitted and the master receiver will send an Ac- knowledge Bit to the slave transmitter. The address pointer is only incremented on reception of an Acknowledge Clock. The M41ST87Y/W slave transmitter will now place the data byte at address An+1 on the bus, the master receiver reads and acknowledges the new byte and the ad- dress pointer is incremented to An+2. This cycle of reading consecutive addresses will continue until the master receiver sends a STOP condition to the slave transmitter (see Figure 10., page 13). The system-to-user transfer of clock data will be halted whenever the address being read is a clock address (00h to 07h). The update will resume ei- ther due to a Stop Condition or when the pointer increments to a non-clock or RAM address. Note: This is true both in READ Mode and WRITE Mode. An alternate READ Mode may also be implement- ed whereby the master reads the M41ST87Y/W slave without first writing to the (volatile) address pointer. The first address that is read is the last one stored in the pointer (see Figure 11., page 13). Figure 9. Slave Address Location AI00602 R/W SLAVE ADDRESS START A 0 100 0 11 |