Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OVS5MBBCR4 Arkusz danych(PDF) 1 Page - TT Electronics.

Numer części OVS5MBBCR4
Szczegółowy opis  Low thermal resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS5MBBCR4 Arkusz danych(HTML) 1 Page - TT Electronics.

  OVS5MBBCR4 Datasheet HTML 1Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 2Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 3Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 4Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 5Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 6Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 7Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 8Page - TT Electronics. OVS5MBBCR4 Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
°
OVS5MxBCR4 Series
© TT electronics plc
Issue B
11/2016
Page 1
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | www.optekinc.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The mini-half watt is an energy-efficient packaged LED source that offers high luminance, and a long operating lifespan. This
device offers a 120° viewing angle and an ultra-low profile (1.2 mm) making it highly suitable for conventional lighting and
specialized applications.
Applications:
Automotive exterior and interior lighting
Architectural indoor and outdoor lighting
General lighting
Display Backlighting
Electronic signs and signals
Features:
Compact Package Outline of 3.5 x 3.5 x 1.2 mm
Robust energy-efficient design with long operating life
Low thermal resistance
Exceptional spatial uniformity
Compatible to IR reflow soldering
High Lumens output
Part Number
Viewing
Angle
Emitted
Color
Typ. Luminous
Flux (lm)
Forward Voltage
VF
Power Dissipation
@ 150 mA
Lens Color
OVS5MWBCR4
120
White
50
3.4
0.51 W
Clear
OVS5MWWBCR4
Warm
White
30
3.6
0.54 W
OVS5MBBCR4
Blue
8.2
3.4
0.51 W
OVS5MGBCR4
Green
22
3.4
0.51 W
Part Number
Viewing
Angle
Emitted
Color
Typ. Luminous
Intensity (mcd)
Forward Voltage
VF
Power Dissipation
@ 150 mA
Lens Color
OVS5MRBCR4
120
Red
7150
2.2
0.33 W00.33
Clear
OVS5MABCR4
Amber
7150
2.2
0.33 W
OVS5MYBCR4
Yellow
7150
2.2
0.33 W
RoHS
2a
Moisture
DO NOT LOOK DIRECTLY
AT LED WITH
UNSHIELDED EYES OR
DAMAGE TO RETINA MAY


Podobny numer części - OVS5MBBCR4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OVS5MBBCR4 OPTEK-OVS5MBBCR4 Datasheet
765Kb / 11P
Mini half-watt SMD 3.5mm (120째 Viewing Angle)
logo
TT Electronics.
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1,020Kb / 8P
Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Robust energy-efficient design with long operating life
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
1Mb / 13P
Low thermal resistance
OVS5MBBCR4 TTELEC-OVS5MBBCR4 Datasheet
2Mb / 8P
Mini Half-Watt SMD 3.5mm (120° Viewing Angle)
03/2022
More results

Podobny opis - OVS5MBBCR4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
Low thermal resistance
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
Low thermal resistance
TCS080T ITF-TCS080T Datasheet
106Kb / 1P
Low thermal resistance
logo
M/A-COM Technology Solu...
MA4P504-1072 MA-COM-MA4P504-1072 Datasheet
677Kb / 5P
Low Thermal Resistance
logo
Sangdest Microelectroni...
ST3060DJF SMC-ST3060DJF Datasheet
131Kb / 4P
Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
Low thermal resistance
11-Apr-2017
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
Low thermal resistance
08-Apr-2014
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
Low thermal resistance
13-Jun-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com