Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OVSPRGBCR4 Arkusz danych(PDF) 5 Page - TT Electronics.

Numer części OVSPRGBCR4
Szczegółowy opis  Automotive exterior and interior lighting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVSPRGBCR4 Arkusz danych(HTML) 5 Page - TT Electronics.

  OVSPRGBCR4 Datasheet HTML 1Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 2Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 3Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 4Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 5Page - TT Electronics. OVSPRGBCR4 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Full-color Power SMD 6mm
OVSPRGBCR4
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue E
07/2017 Page 5
TT Electronics | Optek Technology
1645 Wallace Drive, Carrollton, Texas 75006 |Ph: +(972) 323 –2200
www.ttelectronics.com | sensors@ttelectronics.com
Once inventory is depleted,
the current 12 mm carrier
tape and pocket will be
replaced with new 8 mm
carrier tape and pocket.
See below specifications.
Carrier Tape Dimensions: Loaded quantity 2000 pieces per reel
PCN 1005: New 8 mm
carrier tape and pocket.
Effective: Manufacturing date
codes beginning
July 24, 2012
Moisture Resistant Packaging:



Html Pages

1 2 3 4 5 6