| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F74-I/SP Arkusz danych(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F74-I/SP Arkusz danych(HTML) 9 Page - Microchip Technology |
|
9 / 174 page ![]() 2002 Microchip Technology Inc. DS30325B-page 7 PIC16F7X FIGURE 1-2: PIC16F74 AND PIC16F77 BLOCK DIAGRAM FLASH Program Memory 13 Data Bus 8 14 Program Bus Instruction reg Program Counter 8 Level Stack (13-bit) RAM File Registers Direct Addr 7 RAM Addr(1) 9 Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W reg Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT MCLR VDD, VSS PORTA PORTB PORTC PORTD PORTE RA4/T0CKI RA5/AN4/SS RC0/T1OSO/T1CKI RC1/T1OSI/CCP2 RC2/CCP1 RC3/SCK/SCL RC4/SDI/SDA RC5/SDO RC6/TX/CK RC7/RX/DT RE0/AN5/RD RE1/AN6/WR RE2/AN7/CS 8 8 Brown-out Reset Note 1: Higher order bits are from the STATUS register. USART CCP2 Synchronous 8-bit A/D Timer0 Timer1 Timer2 Serial Port RA3/AN3/VREF RA2/AN2 RA1/AN1 RA0/AN0 Parallel Slave Port 8 3 RB0/INT RB1 RB2 RB3/PGM RB4 RB5 RB6/PGC RB7/PGD Device Program FLASH Data Memory PIC16F74 4K 192 Bytes PIC16F77 8K 368 Bytes RD0/PSP0 RD1/PSP1 RD2/PSP2 RD3/PSP3 RD4/PSP4 RD5/PSP5 RD6/PSP6 RD7/PSP7 CCP1 |