| Zakładka z wyszukiwarką danych komponentów |
|
PIC16F76-E/P Arkusz danych(PDF) 35 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F76-E/P Arkusz danych(HTML) 35 Page - Microchip Technology |
|
35 / 174 page ![]() 2002 Microchip Technology Inc. DS30325B-page 33 PIC16F7X 4.2 PORTB and the TRISB Register PORTB is an 8-bit wide, bi-directional port. The corre- sponding data direction register is TRISB. Setting a TRISB bit (= ‘1’) will make the corresponding PORTB pin an input (i.e., put the corresponding output driver in a Hi-Impedance mode). Clearing a TRISB bit (= ‘0’) will make the corresponding PORTB pin an output (i.e., put the contents of the output latch on the selected pin). Each of the PORTB pins has a weak internal pull-up. A single control bit can turn on all the pull-ups. This is per- formed by clearing bit RBPU (OPTION_REG<7>). The weak pull-up is automatically turned off when the port pin is configured as an output. The pull-ups are dis- abled on a Power-on Reset. FIGURE 4-3: BLOCK DIAGRAM OF RB3:RB0 PINS Four of the PORTB pins (RB7:RB4) have an inter- rupt-on-change feature. Only pins configured as inputs can cause this interrupt to occur (i.e., any RB7:RB4 pin configured as an output is excluded from the inter- rupt-on-change comparison). The input pins (of RB7:RB4) are compared with the old value latched on the last read of PORTB. The “mismatch” outputs of RB7:RB4 are ORed together to generate the RB Port Change Interrupt with flag bit RBIF (INTCON<0>). This interrupt can wake the device from SLEEP. The user, in the Interrupt Service Routine, can clear the interrupt in the following manner: a) Any read or write of PORTB. This will end the mismatch condition. b) Clear flag bit RBIF. A mismatch condition will continue to set flag bit RBIF. Reading PORTB will end the mismatch condition and allow flag bit RBIF to be cleared. The interrupt-on-change feature is recommended for wake-up on key depression operation and operations where PORTB is only used for the interrupt-on-change feature. Polling of PORTB is not recommended while using the interrupt-on-change feature. This interrupt on mismatch feature, together with soft- ware configureable pull-ups on these four pins, allow easy interface to a keypad and make it possible for wake-up on key depression. Refer to the Embedded Control Handbook, “Implementing Wake-up on Key Stroke” (AN552). RB0/INT is an external interrupt input pin and is config- ured using the INTEDG bit (OPTION_REG<6>). RB0/INT is discussed in detail in Section 12.11.1. FIGURE 4-4: BLOCK DIAGRAM OF RB7:RB4 PINS Data Latch RBPU(2) P VDD Q D CK Q D CK QD EN Data Bus WR Port WR TRIS RD TRIS RD Port Weak Pull-up RD Port RB0/INT I/O pin(1) TTL Input Buffer Schmitt Trigger Buffer TRIS Latch Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION_REG<7>). Data Latch From other RBPU(2) P VDD I/O Q D CK Q D CK QD EN QD EN Data Bus WR Port WR TRIS Set RBIF TRIS Latch RD TRIS RD Port RB7:RB4 pins Weak Pull-up RD Port Latch TTL Input Buffer pin(1) ST Buffer RB7:RB6 in Serial Programming mode Q3 Q1 Note 1: I/O pins have diode protection to VDD and VSS. 2: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit (OPTION_REG<7>). |