| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BCC Datasheet
# Example questions:
➢ What are the available options for package height and how does it relate to the overall dimensions of the bcc?
➢ What moisture sensitivity level should be considered when storing and handling these bcc packages, and what testing validates this level?
➢ How does the bcc++ differ from the bcc+ in terms of its design and what impact might this have on its application?
# BCC Bump Chip Carrier
## Features
· Body sizes: 4 x 4mm to 9 x 9mm
· Lead pitch: 0.50mm and 0.80mm
· Custom configurations available
· Package profile height: max 0.80mm
· Single and dual row designs
· Ni/Pd/Au plated bumps
· Enhanced electrical and thermal performance
· JEDEC standard compliant
## Applications
· RF
· Power Management
· Analog/Linear
· Logic
· High-performance, compact designs
## Description
· Chip scale leadframe-based molded package with bumps formed after leadframe etching.
· Exposed die pad for excellent thermal/electrical performance.
· Ideal for high-frequency, high-power applications.
· Manufactured in a molded array format for throughput and material utilization.
## Specifications
· Die Thickness: 279µm nominal, 355µm max.
· Gold Wire: 25µm (1.0mils) diameter
· Lead Finish: Preplated Ni/Pd/Au bumps
· Marking: Laser
· Packing: Tape & reel / JEDEC tray
## Package Configurations
| Package Size (mm) | Lead Pitch (mm) | Lead Count |
|---|---|---|
| 4 x 4 | 0.80 | 16 |
| 5 x 5 | 0.50 | 32 |
| 6 x 6 | 0.50 | 40 |
| 7 x 7 | 0.50 | 48 / 84 |
| 8 x 8 | 0.50 | 56 |
| 9 x 9 | 0.50 | 116 |
# BCC Bump Chip Carrier
## Features
· Body sizes: 4 x 4mm to 9 x 9mm
· Lead pitch: 0.50mm and 0.80mm
· Custom configurations available
· Package profile height: max 0.80mm
· Single and dual row designs
· Ni/Pd/Au plated bumps
· Enhanced electrical and thermal performance
· JEDEC standard compliant
## Applications
· RF
· Power Management
· Analog/Linear
· Logic
· High-performance, compact designs
## Description
· Chip scale leadframe-based molded package with bumps formed after leadframe etching.
· Exposed die pad for excellent thermal/electrical performance.
· Ideal for high-frequency, high-power applications.
· Manufactured in a molded array format for throughput and material utilization.
## Specifications
· Die Thickness: 279µm nominal, 355µm max.
· Gold Wire: 25µm (1.0mils) diameter
· Lead Finish: Preplated Ni/Pd/Au bumps
· Marking: Laser
· Packing: Tape & reel / JEDEC tray
## Package Configurations
| Package Size (mm) | Lead Pitch (mm) | Lead Count |
|---|---|---|
| 4 x 4 | 0.80 | 16 |
| 5 x 5 | 0.50 | 32 |
| 6 x 6 | 0.50 | 40 |
| 7 x 7 | 0.50 | 48 / 84 |
| 8 x 8 | 0.50 | 56 |
| 9 x 9 | 0.50 | 116 |
| Part No. | BCC |
| Manufacturer | STATSCHIP |
| Size | 589 Kbytes |
| Pages | 2 pages |
| Description | Bump Chip Carrier |