Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AWB578 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AWB578 Datasheet

  • # Example questions: ➢ The datasheet mentions a critical requirement for reliable operation regarding the ground paddle. what is this requirement?
    ➢ What is the output power at 1db compression (p1db) when the awb578 is operating at 1200 mhz?
    ➢ What is the typical current draw of the awb578 when operating at 500 mhz?

  • Part No.AWB578
    ManufacturerASB
    Size402 Kbytes
    Pages13 pages
    Description30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
    Datasheet Summary with AI

    1. General Information:

    ️· Part Number: AWB578
    ️· Type: MMIC (Monolithic Microwave Integrated Circuit) Amplifier
    ️· Manufacturer: ASB Inc. (Asia Semiconductor Business Inc.)
    ️· Package: SOIC8 (Surface Mount)

    2. Performance (Two Applications - 50-1200MHz and 50-1200MHz)
    ️· Application 1: 50 ~ 1200 MHz
    - Supply Voltage: +8V
    - Frequency Range: 50 MHz to 1200 MHz
    - Gain: 20.2 dB (at 50 MHz), 19.7 dB (at 500 MHz), 18.5 dB (at 1200 MHz)
    - S11 (Input Return Loss): -12.0 dB (at 50 MHz), -15.0 dB (at 500 MHz), -11.0 dB (at 1200 MHz)
    - S22 (Output Return Loss): -16.0 dB (at 50 MHz), -20.0 dB (at 500 MHz), -11.0 dB (at 1200 MHz)
    - Noise Figure: 3.5 dB (typical across the range)
    - Output IP3: 42.0 dBm (typical across the range)
    - Output P1dB: 27.0 dBm (typical across the range)
    ️· Application 2: 50 ~ 1200 MHz
    - Supply Voltage: +8V
    - Frequency Range: 50 MHz to 1200 MHz
    - Gain: 20.2 dB (at 50 MHz), 19.7 dB (at 500 MHz), 18.5 dB (at 1200 MHz)
    - S11 (Input Return Loss): -12.0 dB (at 50 MHz), -15.0 dB (at 500 MHz), -11.0 dB (at 1200 MHz)
    - S22 (Output Return Loss): -16.0 dB (at 50 MHz), -20.0 dB (at 500 MHz), -11.0 dB (at 1200 MHz)
    - Noise Figure: 3.5 dB (typical across the range)
    - Output IP3: 42.0 dBm (typical across the range)
    - Output P1dB: 27.0 dBm (typical across the range)

    3. Electrical Characteristics (Common to Both Applications):

    ️· Supply Current: 176 mA (typical)
    ️· Input/Output Impedance: 50 Ohms (Z0)

    4. Application Circuits & Bill of Materials (For both applications):

    ️· Evaluation Board Materials:
    - FR4 material
    - Size: 40mm x 40mm
    - Component: AWB578
    - DC Blocking Capacitor: 1 µF, 0603 package
    - Decoupling Capacitor: 10 µF, 0805 package
    - RF Choke Inductor (Application 1): 470 nH, 1206 package
    - RF Choke Inductor (Application 2): 470 nH, 1206 package

    5. Package Outline (SOIC8):

    ️· Detailed dimensions are provided in a table. Key dimensions include:
    - Overall dimensions (length, width, height)
    - Pin spacing
    - Pad layout

    6. Surface Mount Recommendations:

    ️· Maximize copper area on the PCB.
    ️· Ensure good ground paddle-to-ground pad soldering.
    ️· Use mounting screws and a heatsink.
    ️· Proper heat dissipation path under the device is *critical*.

    7. Soldering Reflow Profile:

    ️· Information on a recommended soldering reflow profile is included (but not detailed).



    Important Considerations:

    ️· This is a summary. Refer to the full datasheet for complete specifications and diagrams.
    ️· Thermal Management: The datasheet strongly emphasizes the importance of proper heat dissipation. Failure to do so can damage the device.
    ️· Soldering: Ground paddle-to-ground pad soldering is critical.

    1. General Information:

    ️· Part Number: AWB578
    ️· Type: MMIC (Monolithic Microwave Integrated Circuit) Amplifier
    ️· Manufacturer: ASB Inc. (Asia Semiconductor Business Inc.)
    ️· Package: SOIC8 (Surface Mount)

    2. Performance (Two Applications - 50-1200MHz and 50-1200MHz)
    ️· Application 1: 50 ~ 1200 MHz
    - Supply Voltage: +8V
    - Frequency Range: 50 MHz to 1200 MHz
    - Gain: 20.2 dB (at 50 MHz), 19.7 dB (at 500 MHz), 18.5 dB (at 1200 MHz)
    - S11 (Input Return Loss): -12.0 dB (at 50 MHz), -15.0 dB (at 500 MHz), -11.0 dB (at 1200 MHz)
    - S22 (Output Return Loss): -16.0 dB (at 50 MHz), -20.0 dB (at 500 MHz), -11.0 dB (at 1200 MHz)
    - Noise Figure: 3.5 dB (typical across the range)
    - Output IP3: 42.0 dBm (typical across the range)
    - Output P1dB: 27.0 dBm (typical across the range)
    ️· Application 2: 50 ~ 1200 MHz
    - Supply Voltage: +8V
    - Frequency Range: 50 MHz to 1200 MHz
    - Gain: 20.2 dB (at 50 MHz), 19.7 dB (at 500 MHz), 18.5 dB (at 1200 MHz)
    - S11 (Input Return Loss): -12.0 dB (at 50 MHz), -15.0 dB (at 500 MHz), -11.0 dB (at 1200 MHz)
    - S22 (Output Return Loss): -16.0 dB (at 50 MHz), -20.0 dB (at 500 MHz), -11.0 dB (at 1200 MHz)
    - Noise Figure: 3.5 dB (typical across the range)
    - Output IP3: 42.0 dBm (typical across the range)
    - Output P1dB: 27.0 dBm (typical across the range)

    3. Electrical Characteristics (Common to Both Applications):

    ️· Supply Current: 176 mA (typical)
    ️· Input/Output Impedance: 50 Ohms (Z0)

    4. Application Circuits & Bill of Materials (For both applications):

    ️· Evaluation Board Materials:
    - FR4 material
    - Size: 40mm x 40mm
    - Component: AWB578
    - DC Blocking Capacitor: 1 µF, 0603 package
    - Decoupling Capacitor: 10 µF, 0805 package
    - RF Choke Inductor (Application 1): 470 nH, 1206 package
    - RF Choke Inductor (Application 2): 470 nH, 1206 package

    5. Package Outline (SOIC8):

    ️· Detailed dimensions are provided in a table. Key dimensions include:
    - Overall dimensions (length, width, height)
    - Pin spacing
    - Pad layout

    6. Surface Mount Recommendations:

    ️· Maximize copper area on the PCB.
    ️· Ensure good ground paddle-to-ground pad soldering.
    ️· Use mounting screws and a heatsink.
    ️· Proper heat dissipation path under the device is *critical*.

    7. Soldering Reflow Profile:

    ️· Information on a recommended soldering reflow profile is included (but not detailed).



    Important Considerations:

    ️· This is a summary. Refer to the full datasheet for complete specifications and diagrams.
    ️· Thermal Management: The datasheet strongly emphasizes the importance of proper heat dissipation. Failure to do so can damage the device.
    ️· Soldering: Ground paddle-to-ground pad soldering is critical.

    Part No.AWB578
    ManufacturerASB
    Size402 Kbytes
    Pages13 pages
    Description30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC