Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AWB578 Arkusz danych(PDF) 1 Page - Advanced Semiconductor Business Inc.

Numer części AWB578
Szczegółowy opis  30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASB [Advanced Semiconductor Business Inc.]
Strona internetowa  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB578 Arkusz danych(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AWB578 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AWB578
C2
L1
C3
C1
AWB578
Vdevice
RF OUT
RF IN
1. Product Overview
1.1
General Description
AWB578, a medium power amplifier MMIC, has high linearity and high efficiency over a wide range of
frequency from 30 MHz to 1200 MHz, being suitable for use in both receiver and transmitter of
telecommunication system up to 1.2 GHz. It has an active bias network for stable current over
temperature and process variation. The amplifier is available in an SOIC8 package and passes through
the stringent DC, RF, and reliability tests.
1.2
Features
20.0 dB gain at 500 MHz
27.0 dBm P1dB at 500 MHz
42.0 dBm OIP3 at 500 MHz
50 Ω input & output matching
MTTF > 100 Years
Single supply: +8 V
1.3
Applications
Wide-band amplifier at 30 ~ 1200 MHz
IF amplifier
1.4
Package Profile & RoHS Compliance
SOIC8, 6.0x4.8 mm2, surface mount
RoHS-compliant
AWB578 Data Sheet
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
Application circuit
1/13
ASB Inc.
• sales@asb.co.kr
December 2014


Podobny numer części - AWB578

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Semiconductor ...
AWB578 ASB-AWB578 Datasheet
733Kb / 13P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
April 2017
AWB578 ASB-AWB578_17 Datasheet
733Kb / 13P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
April 2017
More results

Podobny opis - AWB578

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Semiconductor ...
AWB519 ASB-AWB519 Datasheet
961Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
April 2014
AWB589 ASB-AWB589 Datasheet
524Kb / 25P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
December 2014
AWB31D7 ASB-AWB31D7 Datasheet
746Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
October 2014
AWB512 ASB-AWB512 Datasheet
869Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
AWB517 ASB-AWB517 Datasheet
893Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
January 2014
AWB578 ASB-AWB578_17 Datasheet
733Kb / 13P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
April 2017
AWB589 ASB-AWB589_17 Datasheet
1Mb / 25P
30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
April 2017
AWB512 ASB-AWB512_17 Datasheet
870Kb / 15P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB517 ASB-AWB517_17 Datasheet
889Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
AWB519 ASB-AWB519_17 Datasheet
966Kb / 17P
5 ~ 1200 MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com