Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AWB578 Arkusz danych(PDF) 10 Page - Advanced Semiconductor Business Inc.

Numer części AWB578
Szczegółowy opis  30 ~ 1200 MHz Wide-band Medium Power Amplifier MMIC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASB [Advanced Semiconductor Business Inc.]
Strona internetowa  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB578 Arkusz danych(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button AWB578 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB578 Datasheet HTML 13Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AWB578
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-SOIC8-C1
5. Application: 50 ~ 1200 MHz (Vdevice = +8 V)
5.1
Application Circuit & Evaluation Board
C2
L1
C3
C1
AWB578
Vdevice = +8 V
RF OUT
RF IN
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB578
-
-
MMIC Amplifier
ASB
C1, C2
1 µF
0603
DC blocking capacitor
Murata
C3
10 µF
0805
Decoupling capacitor
Murata
L1
470 nH
1206
RF choke inductor
Murata
10/13
ASB Inc.
• sales@asb.co.kr
December 2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com