Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC244G16 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about HMC244G16 Datasheet

  • # Example questions: ➢ What is the typical supply voltage (vdd) and the maximum allowable current (idd) for the hmc244g16?
    ➢ What are the control voltage ranges for a 'low' and 'high' signal on inputs a and b?
    ➢ Describe the function of pins 1, 3, 5, 10, 12, 13, 14, and 16, and what is required for proper operation concerning those pins?

  • Part No.HMC244G16
    ManufacturerHITTITE
    Size218 Kbytes
    Pages4 pages
    DescriptionGaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
    Datasheet Summary with AI

    1. Device Overview:

    ️· Product: HMC244G16
    ️· Type: GaAs MMIC (Monolithic Microwave Integrated Circuit) SP4T (Single-Pole, Four-Throw) Non-Reflective Switch.
    ️· Frequency Range: Designed for operation up to 4 GHz.

    2. Electrical Characteristics:

    ️· Supply Voltage (Vdd): +5.0 Vdc ±10%
    ️· Bias Current (Idd): Typ. 3.0 mA, Max 7.0 mA
    ️· Control Voltages:
    - Low state: 0 to +0.8 Vdc @ 5 uA
    - High state: +2.0 to +5.0 Vdc @ 70 uA
    ️· Maximum Input Power: +20 dBm (0.05 - 0.5 GHz), +27 dBm (0.5 - 3.5 GHz)
    ️· Switching Configuration (Truth Table): Determines the RF path based on control inputs A and B (e.g., A=Low, B=Low routes signal to RF1).

    3. Environmental & Physical Characteristics:

    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -65°C to +150°C
    ️· Package Material: Alumina-loaded Borosilicate Glass with Kovar leads.
    ️· Plating: Electrolytic Gold (50 microinches) over Electrolytic Nickel (75 microinches).
    ️· Grounding: Important to connect the package ground paddle to the PCB RF ground.

    4. Key Features & Considerations:

    ️· Non-Reflective Design: Reduces signal reflections and improves performance.
    ️· 50 Ohm Matched: RF pins are DC-coupled and matched to 50 Ohms; blocking capacitors are required.
    ️· Evaluation Board Available: Hittite Microwave Corporation provides an evaluation circuit board.

    5. Contact Information:

    ️· Company: Hittite Microwave Corporation
    ️· Website: www.hittite.com
    ️· Phone: 978-250-3343
    ️· Fax: 978-250-3373



    This summary captures the essential details from the provided document. Do you have any specific aspects you would like more detail on?

    1. Device Overview:

    ️· Product: HMC244G16
    ️· Type: GaAs MMIC (Monolithic Microwave Integrated Circuit) SP4T (Single-Pole, Four-Throw) Non-Reflective Switch.
    ️· Frequency Range: Designed for operation up to 4 GHz.

    2. Electrical Characteristics:

    ️· Supply Voltage (Vdd): +5.0 Vdc ±10%
    ️· Bias Current (Idd): Typ. 3.0 mA, Max 7.0 mA
    ️· Control Voltages:
    - Low state: 0 to +0.8 Vdc @ 5 uA
    - High state: +2.0 to +5.0 Vdc @ 70 uA
    ️· Maximum Input Power: +20 dBm (0.05 - 0.5 GHz), +27 dBm (0.5 - 3.5 GHz)
    ️· Switching Configuration (Truth Table): Determines the RF path based on control inputs A and B (e.g., A=Low, B=Low routes signal to RF1).

    3. Environmental & Physical Characteristics:

    ️· Operating Temperature: -40°C to +85°C
    ️· Storage Temperature: -65°C to +150°C
    ️· Package Material: Alumina-loaded Borosilicate Glass with Kovar leads.
    ️· Plating: Electrolytic Gold (50 microinches) over Electrolytic Nickel (75 microinches).
    ️· Grounding: Important to connect the package ground paddle to the PCB RF ground.

    4. Key Features & Considerations:

    ️· Non-Reflective Design: Reduces signal reflections and improves performance.
    ️· 50 Ohm Matched: RF pins are DC-coupled and matched to 50 Ohms; blocking capacitors are required.
    ️· Evaluation Board Available: Hittite Microwave Corporation provides an evaluation circuit board.

    5. Contact Information:

    ️· Company: Hittite Microwave Corporation
    ️· Website: www.hittite.com
    ️· Phone: 978-250-3343
    ️· Fax: 978-250-3373



    This summary captures the essential details from the provided document. Do you have any specific aspects you would like more detail on?

    Part No.HMC244G16
    ManufacturerHITTITE
    Size218 Kbytes
    Pages4 pages
    DescriptionGaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz