Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC244G16 Arkusz danych(PDF) 3 Page - Hittite Microwave Corporation

Numer części HMC244G16
Szczegółowy opis  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC244G16 Arkusz danych(HTML) 3 Page - Hittite Microwave Corporation

  HMC244G16 Datasheet HTML 1Page - Hittite Microwave Corporation HMC244G16 Datasheet HTML 2Page - Hittite Microwave Corporation HMC244G16 Datasheet HTML 3Page - Hittite Microwave Corporation HMC244G16 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MICROWAVE CORPORATION
14 - 130
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
Truth Table
Outline Drawing
Control Input
Signal Path State
A
B
RF COM to:
Low
Low
RF1
High
Low
RF2
Low
High
RF3
High
High
RF4
HMC244G16
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 4.0 GHz
v01.0404
NOTES:
1. PACKAGE MATERIAL: ALUMINA LOADED
BOROSILICATE GLASS.
2. LEAD, BASE, COVER MATERIAL: KOVAR™
(#7052 CORNING).
3. PLATING: ELECTROLYTIC GOLD
50 MICROINCHES MIN., OVER
ELECTROLYTIC NICKEL 75 MICROINCHES MIN.
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. TOLERANCES: ±.005 [0.13] UNLESS
OTHERWISE SPECIFIED.
6. ALL GROUND LEADS AND GROUND PADDLE
MUST BE SOLDERED TO PCB RF GROUND.
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 3, 5, 10, 12,
13, 14, 16
GND
Package bottom has exposed metal paddle that must also
be connected to PCB RF ground.
2, 4, 9, 11, 15
RF4, RF3, RF2,
RF1, RFC
These pins are DC coupled and matched to 50 Ohms. Blocking
capacitors are required.
6
Vdd
Supply Voltage +5.0 Vdc ±10%
7
B
See truth table and control voltage table.
8
A
See truth table and control voltage table.
Absolute Maximum Ratings
Bias Voltage Range (Port Vdd)
+7.0 Vdc
Control Voltage Range (A & B)
-0.5V to Vdd +1 Vdc
Channel Temperature
150 °C
Thermal Resistance
(Insertion Loss Path)
210 °C/W
Thermal Resistance
(Terminated Path)
250 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Maximum Input Power
Vdd = +5 Vdc
+20 dBm (0.05 - 0.5 GHz)
+27 dBm (0.5 - 3.5 GHz)



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com