Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC244G16 Arkusz danych(PDF) 2 Page - Hittite Microwave Corporation

Numer części HMC244G16
Szczegółowy opis  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC244G16 Arkusz danych(HTML) 2 Page - Hittite Microwave Corporation

  HMC244G16 Datasheet HTML 1Page - Hittite Microwave Corporation HMC244G16 Datasheet HTML 2Page - Hittite Microwave Corporation HMC244G16 Datasheet HTML 3Page - Hittite Microwave Corporation HMC244G16 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE CORPORATION
14 - 129
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
14
-3
-2
-1
0
0
0.5
1
1.5
2
2.5
3
3.5
4
+ 25C
- 40C
+ 85C
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
RF1
RF2
RF3
RF4
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
RFC
RF1, RF2, RF3, RF4 ON
RF1, RF2, RF3, RF4 OFF
FREQUENCY (GHz)
10
15
20
25
30
0.5
1
1.5
2
2.5
3
3.5
4
1 dB COMPRESSION
0.1 dB COMPRESSION
FREQUENCY (GHz)
30
35
40
45
50
55
60
0.5
1
1.5
2
2.5
3
3.5
4
+ 25C
+ 85C
- 40C
FREQUENCY (GHz)
GaAs MMIC SUB-HARMONICALLY PUMPED MIXER 17 - 25 GHz
HMC244G16
Input Third Order Intercept Point
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 4.0 GHz
v01.0404
Return Loss
0.1 and 1 dB Input Compression Point
Insertion Loss
Isolation
Bias Voltage & Current
Vdd Range= +5.0 Vdc ±10%
Vdd
(Vdc)
Idd (Typ)
(mA)
Idd (Max)
(mA)
+5.0
3.0
7.0
TTL/CMOS Control Voltages
State
Bias Condition
Low
0 to +0.8 Vdc @ 5 uA Typ.
High
+2.0 to +5.0 Vdc @ 70 uA Typ.



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com