| Zakładka z wyszukiwarką danych komponentów |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TP15DU Datasheet
# Example questions:
➢ What is the minimum mtbf (mean time between failures) specified in hours?
➢ What is the maximum operating case temperature in degrees celsius?
➢ What is the isolation voltage specified in vac?
# TP15DU Series DC/DC Converters
## Overview
These are 15W, isolated DC/DC converters with a super-wide 100-1000VDC input voltage range designed for applications like photovoltaic power generation and inverters.
## Key Features
️· Power: 15W
️· Input Voltage: 100-1000VDC
️· Isolation: 2500Vac
️· Operating Temperature: -40°C to +85°C
️· Protection: Over-current, short-circuit
️· Cooling: Natural convection
️· Efficiency: Up to 80% (depending on model)
## Specifications
️· Switching Frequency: 100kHz
️· Regulation (Load): ±1.0% to ±3.0%
️· Regulation (Line): ±1.0%
️· Ripple & Noise: 100mV (typical)
️· MTBF: 1000K hours (MIL-HDBK-217F(25))
️· Weight: 70g
## Models
Available models include single and dual output options, with varying output voltages (5V, 12V, 15V, 24V, ±12V, ±15V) and current ratings.
## Environmental Considerations
️· Operating Humidity: 10-95% RH
️· Storage Temperature: -40°C to +85°C
️· Vibration: 10~500Hz, 2G
## Notes
All specifications are typical at TA=25°C, humidity <75%, 600Vdc input, and rated output current.
# TP15DU Series DC/DC Converters
## Overview
These are 15W, isolated DC/DC converters with a super-wide 100-1000VDC input voltage range designed for applications like photovoltaic power generation and inverters.
## Key Features
️· Power: 15W
️· Input Voltage: 100-1000VDC
️· Isolation: 2500Vac
️· Operating Temperature: -40°C to +85°C
️· Protection: Over-current, short-circuit
️· Cooling: Natural convection
️· Efficiency: Up to 80% (depending on model)
## Specifications
️· Switching Frequency: 100kHz
️· Regulation (Load): ±1.0% to ±3.0%
️· Regulation (Line): ±1.0%
️· Ripple & Noise: 100mV (typical)
️· MTBF: 1000K hours (MIL-HDBK-217F(25))
️· Weight: 70g
## Models
Available models include single and dual output options, with varying output voltages (5V, 12V, 15V, 24V, ±12V, ±15V) and current ratings.
## Environmental Considerations
️· Operating Humidity: 10-95% RH
️· Storage Temperature: -40°C to +85°C
️· Vibration: 10~500Hz, 2G
## Notes
All specifications are typical at TA=25°C, humidity <75%, 600Vdc input, and rated output current.
| Part No. | TP15DU |
| Manufacturer | TOPPOWER |
| Size | 529 Kbytes |
| Pages | 3 pages |
| Description | 15W 2.5KV isolated 100-1000VDC super wide input voltage DC/DC converters |