Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP15DU Arkusz danych(PDF) 1 Page - Toppower Electronic Technology Limited

Numer części TP15DU
Szczegółowy opis  15W 2.5KV isolated 100-1000VDC super wide input voltage DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPPOWER [Toppower Electronic Technology Limited]
Strona internetowa  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15DU Arkusz danych(HTML) 1 Page - Toppower Electronic Technology Limited

  TP15DU Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15DU Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15DU Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP15DU series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page1 / 3
DESCRIPTION:
The rated output power of TP15DU converters is 15W ,it is 100-1000VDC super wide input voltage range、High
Efficiency ,High reliability DC/DC switch power supply,can be widely used in photovoltaic power generation and high
frequency inverter and other occasions,provide a stable working voltage for the load equipments, And its built-in multiple
protection function can improve the module power supply & Load safety performance under abnormal circumstances .
15W 2.5KV isolated 100-1000VDC super wide input voltage DC/DC converters
INPUT CHARACTERISTICS
The filter type
Common mode+LC ∏ typefilter
Start time
≤10ms
Remote control method
None
OUTPUT CHARACTERISTICS
Voltage setting accuracy
Main(Vo1) ±2.0%( nominal) rated load,nominal input voltage @25℃
Voltage setting accuracy
Auxiliary(Vo2)±5.0%( nominal) rated balance load,nominal input voltage @25℃
Linear voltage regulation
±
1.0%( nominal) rated load,nominal input voltage @25(℃
Load regulation
Main(Vo1)±1.0%( nominal) nominal input voltage,10%~100% nominal rated load
Load regulation
Auxiliary(Vo2)±3.0%( nominal) nominal input voltage,10%~100%Nominal balance load
Over-current protection
110%, Continuous short circuit, self-recovery
Over-voltage protection mode
None
Dynamic Response
25% of the nominal load step △Vo1/△t
200us
GENERAL CHARACTERISTICS
Switch frequency
100kHz ( typ )
Temperature characterics
Operating environment temperature
40 ~ +85 ℃ (according to the output load derating curve)
Storage temperature
–40 ~ +85, 10 ~ 95% RH
Temperature coefficient
0.03%/ (0~ 50℃)
Operating case temperature
85℃ max
Relative humidity
85% .RH max
Vibration coefficient
10~500Hz,2G10min./1cycle, 60min.each along X,Y,Z axes
Isolation
Isolated voltage
2500Vac
Isolated resistance
500MΩ
at 500Vdc
MTBF
1000K hrs min.
MIL-HDBK-217F(25)
Colling method
Natural cooling
Case materials
plastic
Net weight
70g
Notes
All specifications typical at TA=25°C, humidity<75%, nominal input voltage 600Vdc and rated output current unless otherwise specified
FEATURES
Operating temperature : -40ºC to 85ºC
High Efficiency, Low Ripple and noise
Output overload&short circuit protection
100-1000VDC super wide input voltage range Both for AC
and DC input voltage
Industrial,military-Level product
design
Designed for photovoltaic power generation, wind power and other
ancillary equipment
SELECTION GUIDE
Part Number
Input Voltage
Output
Efficiency
(Typ)
%
Others
Voltage (VDC)
Current
A)
Current
A)
isolated
VAC)
Ripple and noise
Typ)
Maximum
capacitive load
Rated
Rang
TP15DU600S05
600
100-1000
5
3
76
2500
100mv
1000
TP15DU600S12
600
100-1000
12.1
1.25
78
2500
100mv
470
TP15DU600S15
600
100-1000
15
1
79
2500
100mv
470
TP15DU600S24
600
100-1000
24
0.625
80
2500
100mv
100
TP15DU600D12
600
100-1000
±12
±0.625
79
2500
100mv
100
TP15DU600D15
600
100-1000
±15
±0.5
79
2500
100mv
100
TOPPOWER


Podobny numer części - TP15DU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
145Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
400Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB24S03 TOPPOWER-TP15DB24S03 Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
More results

Podobny opis - TP15DU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TP03AA TOPPOWER-TP03AA Datasheet
241Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AR TOPPOWER-TP03AR Datasheet
242Kb / 4P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP03AZ TOPPOWER-TP03AZ Datasheet
230Kb / 3P
3W 2.5KV Isolation Wide Input AC/DC Converters
TP15AT TOPPOWER-TP15AT Datasheet
214Kb / 4P
15W 2.5KV Isolation Wide Input AC/DC Converters
TP15DB TOPPOWER-TP15DB Datasheet
145Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
TP15DB TOPPOWER-TP15DB_17 Datasheet
400Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
logo
MORNSUN Science& Techno...
VRB2405LD-15WR3 MORNSUN-VRB2405LD-15WR3 Datasheet
3Mb / 8P
15W, wide input, isolated & regulated DC/DC converter
logo
Toppower Electronic Tec...
TP15DC TOPPOWER-TP15DC_19 Datasheet
768Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DC_19 TOPPOWER-TP15DC_19_04 Datasheet
262Kb / 4P
15W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP15DB TOPPOWER-TP15DB_V01 Datasheet
175Kb / 2P
15W 1.5KVDC Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com