Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TP15DU Arkusz danych(PDF) 3 Page - Toppower Electronic Technology Limited

Numer części TP15DU
Szczegółowy opis  15W 2.5KV isolated 100-1000VDC super wide input voltage DC/DC converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOPPOWER [Toppower Electronic Technology Limited]
Strona internetowa  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP15DU Arkusz danych(HTML) 3 Page - Toppower Electronic Technology Limited

  TP15DU Datasheet HTML 1Page - Toppower Electronic Technology Limited TP15DU Datasheet HTML 2Page - Toppower Electronic Technology Limited TP15DU Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP15DU series
www.gztoppower.con
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page3 / 3
MECHANICAL DIMENSIONS
PIN
Single
Dual
1
NC
NC
2
-Vin
-Vin
3
+Vin
+Vin
4
-V0
-V02
5
+V0
+V01
6
No pin
Com
MODEL SELECTION
Units:mm
Tolerance:±0.2mm
TP
15
D
U 600
S
24
output voltage
S:single output, D:Dual output
Rated input voltage
Package type
DC-DC
Rated output power
Brand name
48.00
1.30
23.5
20.00
20.00
1
2
3
4
5
4.00
62.00
23.00
70.00
底视图
6.00
TOPPOWER



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com