| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Kemet Corporation |
SSR10V-17058
|
238Kb / 1P |
KEMET, SSR10V/H, Commercial Grade, 5800 uH
|
|
SSR10H-13097
|
238Kb / 1P |
KEMET, SSR10V/H, AC Line Filters, Common Mode, 9700 uH
|
|
SCF-03-650
|
77Kb / 1P |
KEMET, SCF, AC Line Filters, Common Mode, 6500 uH
|
|
SSR10V-21038
|
237Kb / 1P |
KEMET, SSR10V/H, AC Line Filters, Common Mode, 3800 uH
|
|
SC-02-E50JKH
|
99Kb / 1P |
KEMET, SC_JKH, AC Line Filters, Common Mode, 5400 uH
|
|
SC-04-200
|
97Kb / 1P |
KEMET, SC, AC Line Filters, Common Mode, 2000 uH
|
|
SC-10-340
|
97Kb / 1P |
KEMET, SC, AC Line Filters, Common Mode, 3400 uH
|
|
SSR10H-14140
|
238Kb / 1P |
KEMET, SSR10V/H, AC Line Filters, Common Mode, 0.014 H
|
|
SCR31H-225-2R0A014J
|
119Kb / 1P |
KEMET, SCR-H, AC Line Filters, Common Mode, 1400 uH
|
|
SCR31HA-120-1R3A012H
|
107Kb / 1P |
KEMET, SCR-H, AC Line Filters, Common Mode, 1200 uH
|