| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Kemet Corporation |
SSR10H-17058
|
238Kb / 1P |
KEMET, SSR10V/H, AC Line Filters, Common Mode, 5800 uH
|
|
SSR10H-13097
|
238Kb / 1P |
KEMET, SSR10V/H, AC Line Filters, Common Mode, 9700 uH
|
|
SC-30-12JH
|
129Kb / 1P |
KEMET, SC-JH, AC Line Filters, Common Mode, 1200 uH
|
|
SCR-150-1R4A006J-P
|
118Kb / 1P |
KEMET, SCR, AC Line Filters, Common Mode, 600 uH
|
|
SSR10V-21038
|
237Kb / 1P |
KEMET, SSR10V/H, AC Line Filters, Common Mode, 3800 uH
|
|
SC-15-12JH
|
129Kb / 1P |
KEMET, SC-JH, AC Line Filters, Common Mode, 1200 uH
|
|
SCF47B-300-S2R0B012J
|
163Kb / 1P |
KEMET, SCF Three Phase, AC Line Filters, Common Mode, 1200 uH
|
|
SCR31-010-S1R1A035JH
|
132Kb / 1P |
KEMET, SCR Three Phase, AC Line Filters, Common Mode, 3500 uH
|
|
SCR31H-225-2R0A014J
|
119Kb / 1P |
KEMET, SCR-H, AC Line Filters, Common Mode, 1400 uH
|
|
SC-20-E085JM
|
92Kb / 1P |
KEMET, SC-J, AC Line Filters, Common Mode, 1200 uH
|