Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AT202KN Arkusz danych (PDF) - Analog Technologies, Inc.

AT202KN Datasheet PDF - Analog Technologies, Inc.
Numer części AT202KN
Pobierz  AT202KN Pobierz
Rozmiar pliku   275.9 Kbytes
Page   5 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Voltage Isolation Amplifier

AT202KN Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AT202KN Datasheet PDF - Analog Technologies, Inc.

Numer części AT202KN
Pobierz  AT202KN Click to download

Rozmiar pliku   275.9 Kbytes
Page   5 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Voltage Isolation Amplifier

AT202KN Arkusz danych (HTML) - Analog Technologies, Inc.


AT202KN Szczegóły Produktu

FEATURES
 Isolated Power Outputs
 Small Size: 4 Channels/lnch Low
 Uncommitted Input Amplifier
 High CMR: 130dB (Gain = 100V/V)
 High Accuracy: ±0.01% Max Nonlinearity
 High CMV Isolation: ±2000V Continuous

APPLICATIONS
It can be applied for multichannel data acquisition, current
shunt measurements motor controls, process signal isolation,
high voltage instrumentation amplifier, etc.

DESCRIPTION
Upgraded Drop-in Replacement for AD202KN
The AT202KN is a high voltage isolation amplifier designed
for multiple applications where input signals are measured,
processed, or transmitted without a galvanic connection.
These isolation amplifiers in DIP package offer a signal and
power isolation function.
With internal transformer-coupling, the AT202KN provides
total galvanic isolation between the input and output stages
of the isolation amplifier. These amplifiers eliminate the
need for an external DC-DC converter, which allows the
designer to minimize the necessary circuit overhead, thus
reducing the overall design and component costs.
The AT202KN is powered directly from a 15V DC power
supply, featuring small size, high accuracy, low power, wide
bandwidth, excellent performance, flexible input, isolated
power, etc.




Podobny numer części - AT202KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Technologies, In...
AT202KNL ANALOGTECHNOLOGIES-AT202KNL Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results


Podobny opis - AT202KN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202JY ANALOGTECHNOLOGIES-AT202JY Datasheet
267Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KNL ANALOGTECHNOLOGIES-AT202KNL Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KY ANALOGTECHNOLOGIES-AT202KY Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202JN ANALOGTECHNOLOGIES-ATIA202JN Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202JY ANALOGTECHNOLOGIES-ATIA202JY Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KN ANALOGTECHNOLOGIES-ATIA202KN Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KNL ANALOGTECHNOLOGIES-ATIA202KNL Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com