Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATIA202KNL Arkusz danych (PDF) - Analog Technologies, Inc.

ATIA202KNL Datasheet PDF - Analog Technologies, Inc.
Numer części ATIA202KNL
Pobierz  ATIA202KNL Pobierz
Rozmiar pliku   255.83 Kbytes
Page   5 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Voltage Isolation Amplifier

ATIA202KNL Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ATIA202KNL Datasheet PDF - Analog Technologies, Inc.

Numer części ATIA202KNL
Pobierz  ATIA202KNL Click to download

Rozmiar pliku   255.83 Kbytes
Page   5 Pages
Producent  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Strona internetowa  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Szczegółowy opis High Voltage Isolation Amplifier

ATIA202KNL Arkusz danych (HTML) - Analog Technologies, Inc.


ATIA202KNL Szczegóły Produktu

FEATURES
 Isolated Power Outputs
 Small Size: 4 Channels/lnch Low
 Uncommitted Input Amplifier
 High CMR: 130dB (Gain = 100V/V)
 High Accuracy: ±0.005% Max Nonlinearity
 High CMV Isolation: ±2000V Continuous

APPLICATIONS
It can be applied for multichannel data acquisition, current
shunt measurements motor controls, process signal isolation,
high voltage instrumentation amplifier, etc.

DESCRIPTION
The ATIA202KNL is a high voltage isolation amplifier
designed for multiple applications where input signals are
measured, processed, or transmitted without a galvanic
connection. These isolation amplifiers in DIP package offer
a signal and power isolation function.
With internal transformer-coupling, the ATIA202KN
provides total galvanic isolation between the input and
output stages of the isolation amplifier. These amplifiers
eliminate the need for an external DC-DC converter, which
allows the designer to minimize the necessary circuit
overhead, thus reducing the overall design and component
costs.
The ATIA202KNL is powered directly from a 15V DC
power supply, featuring small size, high accuracy, low
power, wide bandwidth, excellent performance, flexible
input, isolated power, etc.




Podobny numer części - ATIA202KNL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Technologies, In...
ATIA202KN ANALOGTECHNOLOGIES-ATIA202KN Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results


Podobny opis - ATIA202KNL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202JY ANALOGTECHNOLOGIES-AT202JY Datasheet
267Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KN ANALOGTECHNOLOGIES-AT202KN Datasheet
275Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KNL ANALOGTECHNOLOGIES-AT202KNL Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT202KY ANALOGTECHNOLOGIES-AT202KY Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202JN ANALOGTECHNOLOGIES-ATIA202JN Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202JY ANALOGTECHNOLOGIES-ATIA202JY Datasheet
256Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KN ANALOGTECHNOLOGIES-ATIA202KN Datasheet
255Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com