Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UCC5350-Q1 Arkusz danych (PDF) - Texas Instruments

UCC5350-Q1 Datasheet PDF - Texas Instruments
Numer części UCC5350-Q1_V02
Pobierz  UCC5350-Q1 Pobierz
Rozmiar pliku   2108.28 Kbytes
Page   47 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications

UCC5350-Q1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
UCC5350-Q1 Datasheet PDF - Texas Instruments

Numer części UCC5350-Q1_V02
Pobierz  UCC5350-Q1 Click to download

Rozmiar pliku   2108.28 Kbytes
Page   47 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications

UCC5350-Q1 Arkusz danych (HTML) - Texas Instruments


UCC5350-Q1 Szczegóły Produktu

1 Features
• 5-kVRMS and 3-kVRMS single-channel isolated gate
driver
• AEC-Q100 qualified for automotive applications
– Temperature grade 1
– HBM ESD classification level H2
– CDM ESD classification level C6
• Feature options
– Split outputs, 8-V UVLO (UCC5350SB-Q1)
– Miller clamp, 12-V UVLO (UCC5350MC-Q1)
• ±5-A minimum peak current drive strength
• 3-V to 15-V input supply voltage
• Up to 33-V driver supply voltage
– 8-V and 12-V UVLO options
• 100-V/ns minimum CMTI
• Negative 5-V handling capability on input pins
• 100-ns (maximum) propagation delay and <25-ns
part-to-part skew
• 8-pin DWV (8.5mm creepage)
and D (4-mm creepage) packages
• Isolation barrier life > 40 Years
• Safety-related certifications:
– 5000-VRMS DWV and 3000-VRMS D
isolation rating for 1 minute per UL 1577
• CMOS inputs
• Operating junction temperature: –40°C to +150°C

2 Applications
• On-board charger
• Traction inverter for EVs
• DC charging stations
• HVAC
• Heaters

3 Description
The UCC5350-Q1 is a single-channel, isolated gate
driver with 5-A source and 5-A sink minimum peak
current designed to drive MOSFETs, IGBTs, and SiC
MOSFETs. The UCC5350-Q1 has the option for Miller
clamp or Split Outputs. The CLAMP pin is used
to connect the transistor gate to an internal FET
besides the output to prevent false turn-on caused by
Miller current. The split outputs option allows separate
control of the rise and fall times of the gate voltage
with OUTH and OUTL pins.




Podobny numer części - UCC5350-Q1_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UCC5350-Q1 TI-UCC5350-Q1_V01 Datasheet
2Mb / 46P
UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
JUNE 2022
More results


Podobny opis - UCC5350-Q1_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UCC21732-Q1 TI1-UCC21732-Q1 Datasheet
57Kb / 4P
Single Channel Isolated Gate Driver for SiC/IGBT with Advanced Protection and High-CMTI
UCC21750 TI1-UCC21750 Datasheet
542Kb / 6P
single channel isolated gate driver for SiC/IGBT with advanced protection and high-CMTI
UCC21710-Q1 TI1-UCC21710-Q1 Datasheet
543Kb / 6P
single channel isolated gate driver for SiC/IGBT with advanced protection and high-CMTI
UCC21732-Q1 TI1-UCC21732-Q1_19 Datasheet
57Kb / 4P
Single Channel Isolated Gate Driver for SiC/IGBT with Advanced Protection and High-CMTI
UCC5390-Q1 TI1-UCC5390-Q1 Datasheet
704Kb / 32P
UCC5390-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
UCC5350-Q1 TI1-UCC5350-Q1 Datasheet
1Mb / 41P
UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
UCC5871-Q1 TI-UCC5871-Q1 Datasheet
4Mb / 116P
UCC5871-Q1 30-A Isolated IGBT/SiC MOSFET Gate Driver with Advanced Protection Features for Automotive Applications
APRIL 2021
UCC5350-Q1 TI-UCC5350-Q1_V01 Datasheet
2Mb / 46P
UCC5350-Q1 Single-Channel Isolated Gate Driver for SiC/IGBT and Automotive Applications
JUNE 2022
UCC5871-Q1 TI-UCC5871-Q1_V01 Datasheet
1Mb / 32P
UCC5871-Q1 30-A Isolated IGBT/SiC MOSFET Gate Driver with Advanced Protection Features for Automotive Applications
DECEMBER 2022
UCC5880-Q1 TI1-UCC5880-Q1 Datasheet
721Kb / 12P
UCC5880-Q1 Isolated 20-A Adjustable Gate Drive IGBT/SiC MOSFET Gate Driver With Advanced Protection Features For Automotive Applications
DECEMBER 2022
More results




O Texas Instruments


Texas Instruments (TI) to publicznie notowana firma, która projektuje i produkuje produkty półprzewodników i technologii komputerowych.

Został założony w 1930 roku i ma siedzibę w Dallas w Teksasie.

TI jest globalnym liderem w produkcji obwodów zintegrowanych analogowych i cyfrowych (DSP), a także wbudowanych procesorów i innych produktów mikrokontrolerów.

Firma obsługuje klientów w różnych branżach, w tym w elektronice motoryzacyjnej, komunikacyjnej, komputerowej, przemysłowej i konsumpcyjnej.

Portfolio produktów TI obejmuje między innymi konwertery danych, wzmacniacze i komparatory, układy powiększające się, mikrokontrolery, czujniki i rozwiązania łączności bezprzewodowej.

TI jest zaangażowany w innowacje i satysfakcję klientów i ma długą historię dostarczania klientom wysokiej jakości, niezawodnych produktów.

Koncentrując się na zrównoważonym rozwoju i efektywności energetycznej, TI poświęcono pozytywnemu wpływowi na świat poprzez technologię i produkty.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com