Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSW110 Arkusz danych (PDF) - TELTONIKA NETWORKS.

TSW110 Datasheet PDF - TELTONIKA NETWORKS.
Numer części TSW110
Pobierz  TSW110 Pobierz
Rozmiar pliku   947.59 Kbytes
Page   11 Pages
Producent  TELTONIKA [TELTONIKA NETWORKS.]
Strona internetowa  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Szczegółowy opis NETWRK SWITCH UNMANAGED 5 PORT

TSW110 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TSW110 Datasheet PDF - TELTONIKA NETWORKS.

Numer części TSW110
Pobierz  TSW110 Click to download

Rozmiar pliku   947.59 Kbytes
Page   11 Pages
Producent  TELTONIKA [TELTONIKA NETWORKS.]
Strona internetowa  https://teltonika-networks.com/
Logo TELTONIKA - TELTONIKA NETWORKS.
Szczegółowy opis NETWRK SWITCH UNMANAGED 5 PORT

TSW110 Arkusz danych (HTML) - TELTONIKA NETWORKS.


TSW110 Szczegóły Produktu

FEATURES
ETHERNET
LAN 5 x LAN ports, 10/100/1000 Mbps, compliance with IEEE 802.3, IEEE 802.3u, 802.3az standards, supports auto MDI/MDIX
crossover
PERFORMANCE SPECIFICATIONS
Bandwidth (Non-blocking) 10 Gbps
Packet buffer 128 KB
MAC address table size 2K entries.
Connector 4 pin industrial DC power socket
Input voltage range 9-30VDC, reverse polarity protection, voltage surge/transient protection
POE (passive) Passive PoE. Possibility to power up through LAN port, not compatible with IEEE802.3af, 802.3at and 802.3bt standards
Power consumption <0.4W/<1.8W(idle/max)
PHYSICAL INTERFACES (PORTS, LEDS)
Ethernet 5 x RJ45 ports, 10/100/1000 Mbps
Status LEDs 1 x Power LED, 10 x LAN status LED's
Power 1 x4 pin DC connector
Ground 1 x Grounding screw
PHYSICAL SPECIFICATION
Casing material Full aluminum housing
Dimensions (W x H x D) 100 x 30 x 85 mm
Weight 227g
Mounting options DIN rail or wall mounting (additional kit needed), flat surface placement
OPERATING ENVIRONMENT
Operating temperature -40Cto75C
Operating humidity 10 % to 90 % non-condensing




Podobny numer części - TSW110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSW1100 TI-TSW1100 Datasheet
76Kb / 18P
TSW1100 Data Capture Board
More results


Podobny opis - TSW110

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
EKI-2525-BE ADVANTECH-EKI-2525-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525I-BE ADVANTECH-EKI-2525I-BE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
EKI-2525-AE ADVANTECH-EKI-2525-AE Datasheet
373Kb / 2P
5-port Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
TES-150-M12 ORING-TES-150-M12 Datasheet
3Mb / 4P
5-port unmanaged Ethernet switch
TPS-141TX-M12 ORING-TPS-141TX-M12 Datasheet
3Mb / 4P
5-port unmanaged PoE Ethernet switch
TXPS-141XT-M12 ORING-TXPS-141XT-M12 Datasheet
385Kb / 5P
5-port unmanaged PoE Ethernet switch
logo
TELTONIKA NETWORKS.
TSW100 TELTONIKA-TSW100 Datasheet
896Kb / 11P
NETWRK SWITCH-UNMANAGED 5 PORT
TSW200 TELTONIKA-TSW200 Datasheet
1Mb / 7P
NETWRK SWITCH UNMANAGED 8 PORT
TSW210 TELTONIKA-TSW210 Datasheet
894Kb / 7P
NETWRK SWITCH UNMANAGED 8 PORT
TSW304 TELTONIKA-TSW304 Datasheet
710Kb / 10P
NETWRK SWITCH UNMANAGED 5 PORT
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com