Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

473-100-571-002 Arkusz danych (PDF) - EDAC, All Rights Reserved.

473-100-571-002 Datasheet PDF - EDAC, All Rights Reserved.
Numer części 473-100-571-002
Pobierz  473-100-571-002 Pobierz
Rozmiar pliku   286.2 Kbytes
Page   1 Pages
Producent  EDAC [EDAC, All Rights Reserved.]
Strona internetowa  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Szczegółowy opis 473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle

473-100-571-002 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
473-100-571-002 Datasheet PDF - EDAC, All Rights Reserved.

Numer części 473-100-571-002
Pobierz  473-100-571-002 Click to download

Rozmiar pliku   286.2 Kbytes
Page   1 Pages
Producent  EDAC [EDAC, All Rights Reserved.]
Strona internetowa  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Szczegółowy opis 473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle

473-100-571-002 Arkusz danych (HTML) - EDAC, All Rights Reserved.


473-100-571-002 Szczegóły Produktu

Features

  • Low Profile for Space Saving
  • Insertion Loss: Differential Pair Signaling 19 Gbps @ -3 dB
  • Available in 100 and 150 contacts
  • Available in Vertical SMT and Right Angle SMT
  • PCIe 3.0 Compliant
  • Application: Server, Data Storage




Podobny numer części - 473-100-571-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EDAC, All Rights Reserv...
473-100-571-002 EDAC-473-100-571-002 Datasheet
171Kb / 1P
473 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
More results


Podobny opis - 473-100-571-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0524662871 MOLEX11-0524662871 Datasheet
319Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
0525881875 MOLEX11-0525881875 Datasheet
298Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
logo
EDAC, All Rights Reserv...
470-SERIES EDAC-470-SERIES Datasheet
182Kb / 1P
470 Series High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
472-SERIES EDAC-472-SERIES Datasheet
171Kb / 1P
472 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
473-SERIES EDAC-473-SERIES Datasheet
171Kb / 1P
473 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
470-100-529-001 EDAC-470-100-529-001 Datasheet
508Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
470-160-529-001 EDAC-470-160-529-001 Datasheet
670Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
472-100-529-001 EDAC-472-100-529-001 Datasheet
411Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
472-150-529-001 EDAC-472-150-529-001 Datasheet
497Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
473-150-571-002 EDAC-473-150-571-002 Datasheet
705Kb / 2P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com