Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

473-100-571-002 Arkusz danych(PDF) 1 Page - EDAC, All Rights Reserved.

Numer części 473-100-571-002
Szczegółowy opis  473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EDAC [EDAC, All Rights Reserved.]
Strona internetowa  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

473-100-571-002 Arkusz danych(HTML) 1 Page - EDAC, All Rights Reserved.

  473-100-571-002 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TOLERANCE
UNLESS OTHERWISE
SPECIFIED
.XX
±0.10
.XXX
DRAWN:
CHECKED:
ACAD REFERENCE NO.:
PART NUMBER:
SCALE:
YOUR CONNECTION TO QUALITY & SERVICE
WITHOUT WRITTEN PERMISSION.
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
TORONTO, ONTARIO
EDAC INC
CANADA
DO NOT MAKE MANUAL REVISIONS TO MASTER.
THIS IS A C.A.D. GENERATED DRAWING
JUNE.28 /2018
SHEET
OF
473-100-571-002
473-100-571-002
N.T.S
W.T
DATE:
DATE:
1
ISSUE
ISSUE NUMBER
ORIGINAL
1
THIS SERIES FULLY CONFORMS TO
THE EUROPEAN UNION DIRECTIVES
2011/65/EU FOR RoHS COMPLIANCY.
COMPLIANT
BOARD TO BOARD, 100 CONTACTS RIGHT ANGLE,
ALL LONG PIN, FEMALE
.X
±0.15
1
1
DRAWING NUMBER:
473-100-571-002
±0.05
NOTES:
MATERIAL:
HOUSING:
L.C.P SERIES, UL-94V-0
CONTACT:
COPPER ALLOY
GOLD FLASH PLATING ON CONTACT AREA
MATTE TIN PLATING ON SOLDER TAIL OVER
NICKEL UNDER PLATING
MARKED
: CRITICAL DIMENSION
MARKED
DIMENSIONS NEED TO BE MEASURED IN CPK
C
*
A
A
53.000
47.500
39.200
47.250
47.250
45.800
39.200
0.420
Ø0
.63
0
PITCH 0.800 TYP.
PIN 99
PIN
100
PIN 1
PIN 2
43.890
45.800
47.250
PIN 1
PIN 2
PIN 149
PIN 150
5.750
44.320
Ø1.4
00
Ø1.9
10
PIN 1
PIN 2
PIN 100
PIN 99
Ø1.3
20
0.10 A
-A-
C
LONG PIN
SEC. A-A
SCALE 5:1


Podobny numer części - 473-100-571-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EDAC, All Rights Reserv...
473-100-571-002 EDAC-473-100-571-002 Datasheet
171Kb / 1P
473 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
More results

Podobny opis - 473-100-571-002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0524662871 MOLEX11-0524662871 Datasheet
319Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
0525881875 MOLEX11-0525881875 Datasheet
298Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
logo
EDAC, All Rights Reserv...
470-SERIES EDAC-470-SERIES Datasheet
182Kb / 1P
470 Series High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
472-SERIES EDAC-472-SERIES Datasheet
171Kb / 1P
472 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
473-SERIES EDAC-473-SERIES Datasheet
171Kb / 1P
473 Series High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
470-100-529-001 EDAC-470-100-529-001 Datasheet
508Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
470-160-529-001 EDAC-470-160-529-001 Datasheet
670Kb / 1P
470 Series,High Speed Card Edge Connectors | Board to Board Male Vertical SMT Connector 1.27mm Pitch
472-100-529-001 EDAC-472-100-529-001 Datasheet
411Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
472-150-529-001 EDAC-472-150-529-001 Datasheet
497Kb / 1P
472 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Vertical SMT | Plug
473-150-571-002 EDAC-473-150-571-002 Datasheet
705Kb / 2P
473 Series,High Speed Card Edge Connectors | Board to Board 0.8 mm Pitch | Right-angle SMT | Receptacle
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com