Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPSI2140-Q1 Arkusz danych (PDF) - Texas Instruments

TPSI2140-Q1 Datasheet PDF - Texas Instruments
Numer części TPSI2140-Q1_V02
Pobierz  TPSI2140-Q1 Pobierz
Rozmiar pliku   1638.54 Kbytes
Page   40 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis TPSI2140-Q1 1200-V, 50-mA, Automotive Isolated Switch With 2-mA Avalanche Rating

TPSI2140-Q1 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TPSI2140-Q1 Datasheet PDF - Texas Instruments

Numer części TPSI2140-Q1_V02
Pobierz  TPSI2140-Q1 Click to download

Rozmiar pliku   1638.54 Kbytes
Page   40 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis TPSI2140-Q1 1200-V, 50-mA, Automotive Isolated Switch With 2-mA Avalanche Rating

TPSI2140-Q1 Arkusz danych (HTML) - Texas Instruments


TPSI2140-Q1 Szczegóły Produktu

1 Features
• Qualified for automotive applications
– AEC-Q100 grade 1: –40 to 125°C TA
• Integrated avalanche rated MOSFETs
– Designed and qualified for reliability during
overvoltage conditions, including system level
dielectric withstand testing (Hi-Pot)
• IAVA = 2-mA for 5-s pulses, 1-mA for 60-s
pulses
– 1200-V standoff voltage
– RON = 130-Ω (TJ = 25°C)
– TON, TOFF < 700-μs
• Low primary side supply current
– 9-mA ON state current
– 3.5-μA OFF state current
• Functional Safety Capable
– Documentation available to aid in ISO 26262
and IEC 61508 system design
• Robust isolation barrier:
– > 26 year projected lifetime at 1000-VRMS /
1500-VDC working voltage
– Isolation rating, VISO, up to 3750-VRMS / 5300-
VDC
– Peak surge, VIOSM, up to 5000-V
– ± 100-V/ns typical CMTI
• SOIC 11-pin (DWQ) package with wide pins for
improved thermal performance
– Creepage and clearance ≥ 8-mm (primarysecondary)
– Creepage and clearance ≥ 6-mm (across
switch terminals)
• Safety-related certifications
– (Planned) DIN VDE V 0884-11:2017-01
– (Planned) UL 1577 component recognition
program

2 Applications
• Solid state relay
• Hybrid, electric, and power train systems
• Battery Management Systems (BMS)
• Energy Storage Systems (ESS)
• Solar energy
• Onboard charger
• EV charging infrastructure
• See also the TI Reference Designs related to
these applications.

3 Description
The TPSI2140-Q1 is an isolated solid state
relay designed for high voltage automotive and
industrial applications. The TPSI2140-Q1 uses TI's
high reliability capacitive isolation technology in
combination with internal back-to-back MOSFETs to
form a completely integrated solution requiring no
secondary side power supply.
The primary side of the device is powered by only 9
mA of input current and incorporates a fail-safe EN
pin preventing any possibility of back powering the
VDD supply. In most applications, the VDD pin of
the device should be connected to a system supply
between 5 V–20 V and the EN pin of the device
should be driven by a GPIO output with logic HI
between 2.1 V–20 V. In other applications, The VDD
and EN pins could be driven together directly from
the system supply or from a GPIO output. All control
configurations of the TPSI2140-Q1 do not require
additional external components such as a resistor
and/or low side switch that are typically required in
photo relay solutions.
The secondary side consists of back-to-back
MOSFETs with a standoff voltage of ±1.2 kV from
S1 to S2. The TPSI2140-Q1 MOSFET's avalanche
robustness and thermally conscious package design
allow it to robustly support system level dielectric
withstand testing (HiPot) and DC fast charger surge
currents of up to 2 mA without requiring any external
components.




Podobny numer części - TPSI2140-Q1_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPSI2140-Q1 TI-TPSI2140-Q1_V01 Datasheet
1Mb / 37P
TPSI2140-Q1 1200-V, 50-mA, Automotive Isolated Switch with 2-mA Avalanche Rating
REVISED NOVEMBER 2022
More results


Podobny opis - TPSI2140-Q1_V02

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
50 mA, 24 V, 3.2-mA Supply Current
logo
Microchip Technology
TC2185-3.0VCTTR MICROCHIP-TC2185-3.0VCTTR Datasheet
371Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs
11/29/12
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
logo
Texas Instruments
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79850-Q1 TI-TPS79850-Q1_15 Datasheet
1Mb / 25P
TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPSI2140-Q1 TI-TPSI2140-Q1 Datasheet
1Mb / 32P
TPSI2140-Q1 1400-V, 50-mA, Automotive Isolated Switch with 2-mA Avalanche Rating
APRIL 2022
TPSI2140-Q1 TI-TPSI2140-Q1_V01 Datasheet
1Mb / 37P
TPSI2140-Q1 1200-V, 50-mA, Automotive Isolated Switch with 2-mA Avalanche Rating
REVISED NOVEMBER 2022
TPS7B86-Q1 TI-TPS7B86-Q1_V06 Datasheet
3Mb / 41P
TPS7B86-Q1 Automotive, 500-mA, 40-V, Adjustable, Low-Dropout Regulator With Power-Good
REVISED AUGUST 2022
TPSI2072-Q1 TI-TPSI2072-Q1 Datasheet
2Mb / 43P
TPSI2072-Q1 2-Channel 600-V, 50-mA, Automotive Isolated Switch with 2-mA Avalanche Rating for Insulation Monitoring and High Voltage Measurements
JUNE 2023
More results




O Texas Instruments


Texas Instruments (TI) to publicznie notowana firma, która projektuje i produkuje produkty półprzewodników i technologii komputerowych.

Został założony w 1930 roku i ma siedzibę w Dallas w Teksasie.

TI jest globalnym liderem w produkcji obwodów zintegrowanych analogowych i cyfrowych (DSP), a także wbudowanych procesorów i innych produktów mikrokontrolerów.

Firma obsługuje klientów w różnych branżach, w tym w elektronice motoryzacyjnej, komunikacyjnej, komputerowej, przemysłowej i konsumpcyjnej.

Portfolio produktów TI obejmuje między innymi konwertery danych, wzmacniacze i komparatory, układy powiększające się, mikrokontrolery, czujniki i rozwiązania łączności bezprzewodowej.

TI jest zaangażowany w innowacje i satysfakcję klientów i ma długą historię dostarczania klientom wysokiej jakości, niezawodnych produktów.

Koncentrując się na zrównoważonym rozwoju i efektywności energetycznej, TI poświęcono pozytywnemu wpływowi na świat poprzez technologię i produkty.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com