Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI88X2X Arkusz danych (PDF) - Skyworks Solutions Inc.

SI88X2X Datasheet PDF - Skyworks Solutions Inc.
Numer części SI88X2X
Pobierz  SI88X2X Pobierz
Rozmiar pliku   1296.92 Kbytes
Page   48 Pages
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Szczegółowy opis Dual Digital Isolators with DC-DC Converter

SI88X2X Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SI88X2X Datasheet PDF - Skyworks Solutions Inc.

Numer części SI88X2X
Pobierz  SI88X2X Click to download

Rozmiar pliku   1296.92 Kbytes
Page   48 Pages
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Szczegółowy opis Dual Digital Isolators with DC-DC Converter

SI88X2X Arkusz danych (HTML) - Skyworks Solutions Inc.


SI88X2X Szczegóły Produktu

KEY FEATURES
• High-speed isolators with integrated dc-dc
converter
• Fully-integrated secondary sensing
feedback-controlled converter with
dithering for low EMI
• dc-dc converter peak efficiency of 83%
with external power switch
• Up to 5 W isolated power with external
power switch
• Options include dc-dc shutdown, frequency
control, and soft start
• Standard Voltage Conversion
• 3/5 V to isolated 3/5 V
• 24 V to isolated 3/5 V
• 3/5 V to isolated 24 V
• 24 V to isolated 24 V
• Precise timing on digital isolators
• 0 – 100 Mbps
• 18 ns typical prop delay
• Highly-reliable: 100 year lifetime
• High electromagnetic immunity and ultralow
emissions
• RoHS compliant packages
• SOIC-20 wide body
• SOIC-16 wide body
• Isolation of up to 5000 Vrms
• High transient immunity of 100 kV/μs
(typical)
• AEC-Q100 qualified
• Wide temp range
• –40 to +125 °C




Podobny numer części - SI88X2X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI88X2X SILABS-SI88X2X Datasheet
768Kb / 45P
Isolation of up to 5000 Vrms
More results


Podobny opis - SI88X2X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5240 AD-ADUM5240 Datasheet
142Kb / 10P
Dual-Channel Isolators with Integrated DC/DC Converter, 50 mW
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_08 Datasheet
546Kb / 24P
Dual Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
logo
Silicon Laboratories
SI88240ED-IS SILABS-SI88240ED-IS Datasheet
929Kb / 48P
QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
SI88620ED-IS SILABS-SI88620ED-IS Datasheet
768Kb / 45P
DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Analog Devices
ADM3260 AD-ADM3260 Datasheet
456Kb / 19P
Hot Swappable, Dual I2C Isolators with Integrated DC-to-DC Converter
6/2020-Rev. D to Rev. E
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
logo
Skyworks Solutions Inc.
SI88X4X SKYWORKS-SI88X4X Datasheet
1Mb / 51P
Quad Digital Isolators with DC-DC Converter
A July 2022
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com