Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI88X4X Arkusz danych (PDF) - Skyworks Solutions Inc.

SI88X4X Datasheet PDF - Skyworks Solutions Inc.
Numer części SI88X4X
Pobierz  SI88X4X Pobierz
Rozmiar pliku   1172.76 Kbytes
Page   51 Pages
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Szczegółowy opis Quad Digital Isolators with DC-DC Converter

SI88X4X Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SI88X4X Datasheet PDF - Skyworks Solutions Inc.

Numer części SI88X4X
Pobierz  SI88X4X Click to download

Rozmiar pliku   1172.76 Kbytes
Page   51 Pages
Producent  SKYWORKS [Skyworks Solutions Inc.]
Strona internetowa  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Szczegółowy opis Quad Digital Isolators with DC-DC Converter

SI88X4X Arkusz danych (HTML) - Skyworks Solutions Inc.


SI88X4X Szczegóły Produktu

KEY FEATURES
• High-speed isolators with integrated dc-dc
converter
• Fully-integrated secondary sensing
feedback-controlled converter with
dithering for low EMI
• dc-dc converter peak efficiency of 83%
with external power switch
• Up to 5 W isolated power with external
power switch
• Options include dc-dc shutdown, frequency
control, and soft start
• Standard Voltage Conversion
• 3/5 V to isolated 3/5 V
• 24 V to isolated 3/5 V supported
• Precise timing on digital isolators
• 0–100 Mbps
• 18 ns typical prop delay
• Highly-reliable: 100 year lifetime
• High electromagnetic immunity and ultralow
emissions
• RoHS compliant packages
• SOIC-20 wide body
• SOIC-24 wide body
• Isolation of up to 5000 VRMS
• High transient immunity of 100 kV/μs
(typical)
• AEC-Q100 qualified
• Wide temp range: -40 to +125°C
• Automotive-grade OPNs available
• AIAG compliant PPAP documentation
support
• IMDS and CAMDS listing support




Podobny numer części - SI88X4X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI88X4X SILABS-SI88X4X Datasheet
1Mb / 48P
Precise timing on digital isolators
More results


Podobny opis - SI88X4X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM6400 AD-ADUM6400 Datasheet
593Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
logo
Silicon Laboratories
SI88240ED-IS SILABS-SI88240ED-IS Datasheet
929Kb / 48P
QUAD DIGITAL ISOLATORS WITH DC-DC CONVERTER
SI88620ED-IS SILABS-SI88620ED-IS Datasheet
768Kb / 45P
DUAL DIGITAL ISOLATORS WITH DC-DC CONVERTER
logo
Analog Devices
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
Quad-Channel Isolators with Integrated DC-to-DC Converter
12/2020-Rev. 0 to Rev. A
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
logo
Skyworks Solutions Inc.
SI88X2X SKYWORKS-SI88X2X Datasheet
1Mb / 48P
Dual Digital Isolators with DC-DC Converter
Rev. 1.04
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com