Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC-IO Arkusz danych (PDF) - List of Unclassifed Manufacturers

PIC-IO Datasheet PDF - List of Unclassifed Manufacturers
Numer części PIC-IO
Pobierz  PIC-IO Pobierz
Rozmiar pliku   1325.3 Kbytes
Page   9 Pages
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers
Szczegółowy opis PIC-IO development board Users Manual

PIC-IO Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
PIC-IO Datasheet PDF - List of Unclassifed Manufacturers

Numer części PIC-IO
Pobierz  PIC-IO Click to download

Rozmiar pliku   1325.3 Kbytes
Page   9 Pages
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers
Szczegółowy opis PIC-IO development board Users Manual

PIC-IO Arkusz danych (HTML) - List of Unclassifed Manufacturers


PIC-IO Szczegóły Produktu

FEATURES:
· ICSP/ICD connector for programming and debugging
· RS232 interface
· DIL18 socket
· Quartz crystal 20Mhz
· LED to RB5 through jumper
· Four opto-isolated inputs with status LEDs
· Four Relays 10A/250VAC with status LEDs
· Power plug-in jack, accept AC and DC input
· Four mounting holes 3,3 mm (0,13")
· FR-4, 1.5 mm (0,062"), green soldermask, white silkscreen component print
· Dimensions 100x80 mm (3,9x3,15")




Podobny numer części - PIC-IO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
PIC-ICD2 ETC-PIC-ICD2 Datasheet
6Mb / 35P
PIC-WEB REV.C development board
Rev. D, August 2014
PIC-ICD2-POCKET ETC-PIC-ICD2-POCKET Datasheet
6Mb / 35P
PIC-WEB REV.C development board
Rev. D, August 2014
PIC-ICD2-TINY ETC-PIC-ICD2-TINY Datasheet
6Mb / 35P
PIC-WEB REV.C development board
Rev. D, August 2014
PIC-ICSP ETC-PIC-ICSP Datasheet
291Kb / 1P
ICSP 3-WAY CONNECTOR
PIC-ICSP ETC-PIC-ICSP Datasheet
6Mb / 35P
PIC-WEB REV.C development board
Rev. D, August 2014
More results


Podobny opis - PIC-IO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hynix Semiconductor
GMS81508A HYNIX-GMS81508A Datasheet
872Kb / 91P
USERS MANUAL
logo
List of Unclassifed Man...
SAM7-P256 ETC2-SAM7-P256 Datasheet
2Mb / 21P
SAM7-P256 development board Users Manual
STM32-H103 ETC2-STM32-H103 Datasheet
4Mb / 18P
STM-H103 development board users manual
logo
ON Semiconductor
NB6L239MNEVB ONSEMI-NB6L239MNEVB Datasheet
249Kb / 6P
NB6L239MNEVB Evaluation Board Users Manual
February, 2012 ??Rev. 1
NCV97311MW50AGEVB ONSEMI-NCV97311MW50AGEVB Datasheet
1Mb / 17P
NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
logo
Maxim Integrated Produc...
80515-FPBM-TFP2 MAXIM-80515-FPBM-TFP2 Datasheet
1Mb / 36P
USERS MANUAL
REV 2.3 August 8, 2011
logo
SparkFun Electronics
GPS-11703 SPARKFUN-GPS-11703 Datasheet
114Kb / 2P
SparkFun UDB5 - PIC UAV Development Board
11/16/2015
logo
ON Semiconductor
MT9TV024IA7XTRH-GEVB ONSEMI-MT9TV024IA7XTRH-GEVB Datasheet
797Kb / 4P
MT9V024 Evaluation Board Users Manual
July, 2016 ??Rev. 0
EVBUM2757 ONSEMI-EVBUM2757 Datasheet
537Kb / 8P
RSL15 Evaluation and Development Board Users Manual
January, 2022 - Rev. 5
logo
Microchip Technology
DT100112 MICROCHIP-DT100112 Datasheet
165Kb / 2P
PIC-BLE Development Board
12-17-19
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com