Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC-IO Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części PIC-IO
Szczegółowy opis  PIC-IO development board Users Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

PIC-IO Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  PIC-IO Datasheet HTML 1Page - List of Unclassifed Manufacturers PIC-IO Datasheet HTML 2Page - List of Unclassifed Manufacturers PIC-IO Datasheet HTML 3Page - List of Unclassifed Manufacturers PIC-IO Datasheet HTML 4Page - List of Unclassifed Manufacturers PIC-IO Datasheet HTML 5Page - List of Unclassifed Manufacturers PIC-IO Datasheet HTML 6Page - List of Unclassifed Manufacturers PIC-IO Datasheet HTML 7Page - List of Unclassifed Manufacturers PIC-IO Datasheet HTML 8Page - List of Unclassifed Manufacturers PIC-IO Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
OLIMEX© 2012
PIC-IO User's Manual
INTRODUCTION:
PIC-IO board was designed as simple platform which to allow control of appliances and
devices with PIC, the idea was to build something like tiny PLC controller which is possible
to program in C or assembler instead of the weird PLC relay language.
Let’s see what we have on board:
Four High voltage/ High Current relays – with NO-NC-COM contacts available on terminal
block. The relay switching current is rated: 15A/125VAC, 10A/250VAC, 15A/24VDC. Note
that these relays are good for switching resistive loads, but if you have to commutate
inductive loads the relays will wear off quickly due to the sparking when disconnect the
inductive loads (like motors).
Each relay have status LED associated with it so you can easy see which relay is in ON and
which in OFF state.
O1 is connected to RA3 CMP1 and PIC CCP module can be used to generate ON/OFF pulses.
O2-O3-O4 are connected to RA2-RA1-RA0.
Four opto-isolated inputs will allow to detect voltages in range +5-24VDC. Opto-couplers are
fast and switch On/Off for 10 uS, so quick signals could be detected.
!NOTE for owners of MOD-IO prior to revision C1: the above information is correct
only for the opto-isolated couplers – the board is capable to handle up to 22VDC for
them. You need to swap R1, R2, R3, R4 - 330R resistors with 470R ones be able to use
24VDC! This has been fixed in the latest revision as seen in the schematics.
I1 is connected to RA4 and is good for counting as this pin is connected to PIC T0CKI.
I2 is connected to RB0 which is INT and generates interrupts.
I3 is connected to CCP1 and is good for pulse width measurement.
I4 is connected to RB4.
The inputs have status LEDs so easy could be seen which input have voltage. Note that the
optocouplers inverse the levels i.e. when on the input have +5V the PIC pin will read “0” and
vice versa.
Status LED is connected to RB5.
PIC-IO have RS232 connector, but the driver is made by tricky level shifter which uses the
other side RS232 negative levels to generate the PIC-IO levels, so on the other side you must



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com