Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESD501 Arkusz danych (PDF) - Texas Instruments

ESD501 Datasheet PDF - Texas Instruments
Numer części ESD501
Pobierz  ESD501 Pobierz
Rozmiar pliku   1171.58 Kbytes
Page   16 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis ESD501-Q1 Automotive Low Capacitance ESD Diode for RF and ADAS Signal Protection

ESD501 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ESD501 Datasheet PDF - Texas Instruments

Numer części ESD501
Pobierz  ESD501 Click to download

Rozmiar pliku   1171.58 Kbytes
Page   16 Pages
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments
Szczegółowy opis ESD501-Q1 Automotive Low Capacitance ESD Diode for RF and ADAS Signal Protection

ESD501 Arkusz danych (HTML) - Texas Instruments


ESD501 Szczegóły Produktu

1 Features
• AEC-Q101 Qualified
• IEC 61000-4-2 ESD Protection:
– ±15kV contact discharge
– ±15kV air gap discharge
• ISO 10605 (330pF, 330Ω) ESD Protection:
– ±12kV contact discharge
– ±12kV air gap discharge
• IEC 61000-4-5 surge protection:
– 3A (8/20μs)
• I/O capacitance: 0.3pF (typical)
• Ultra low leakage current: 1nA (typical)
• Industry standard 0402 package

2 Applications
• Automotive Antenna ESD Protection
• RF Signal ESD Protection
• Near Field Communications (NFC)
• Automotive SerDes w/Power over Coax
• USB Type-C (short-to-Vbus tolerant)

3 Description
The ESD501-Q1 is a bidirectional ESD protection
diode. The ESD501-Q1 is offered in the industry
standard 0402 (DFN1006) package, and offers an IEC
61000-4-2 protection level of 15kV. The device can
clamp 8/20μs surges with peak pulse currents up to
3A in accordance with the IEC 61000-4-5 standard.
The low capacitance and low leakage current help to
ensure protection against transient events in a variety
of systems and applications. This protection is key for
many applications, such as smaller form factors and
faster data speeds, which are becoming more popular
over time.




Podobny numer części - ESD501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ESD501 TI-ESD501 Datasheet
1Mb / 15P
ESD501 Low Capacitance ESD Diode for RF and ADAS Signal Protection
NOVEMBER 2024
ESD501DPYR TI-ESD501DPYR Datasheet
1Mb / 15P
ESD501 Low Capacitance ESD Diode for RF and ADAS Signal Protection
NOVEMBER 2024
logo
TECH PUBLIC Electronics...
ESD501DPYR-TP TECHPUBLIC-ESD501DPYR-TP Datasheet
1Mb / 4P
1-Line Bi-directional TVS Diode
More results


Podobny opis - ESD501

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
DALC112S1 STMICROELECTRONICS-DALC112S1 Datasheet
31Kb / 3P
LOW CAPACITANCE DIODE ARRAY FOR ESD PROTECTION
Jan-1998
logo
Littelfuse
SP3050 LITTELFUSE-SP3050 Datasheet
282Kb / 7P
Low Capacitance Diode Array for ESD and Surge Protection
logo
ON Semiconductor
ESD8472MUT5G ONSEMI-ESD8472MUT5G Datasheet
180Kb / 4P
Ultra-Low Capacitance RF ESD Protection Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 1
logo
Comchip Technology
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
CPDQR5V0USP-HF COMCHIP-CPDQR5V0USP-HF Datasheet
334Kb / 4P
Low Capacitance ESD Protection Diode
CPDU5V0USP-HF COMCHIP-CPDU5V0USP-HF Datasheet
336Kb / 4P
Low Capacitance ESD Protection Diode
logo
STMicroelectronics
DALC208SC6Y STMICROELECTRONICS-DALC208SC6Y Datasheet
126Kb / 12P
Automotive low capacitance diode array for ESD protection
07-Nov-2012
logo
AiT Semiconductor Inc.
PESD5V0S1BL AITSEMI-PESD5V0S1BL Datasheet
302Kb / 5P
ESD PROTECTION DIODE LOW CAPACITANCE BIDIRECTIONAL ESD PROTECTION DIODE
REV1.0
logo
TECH PUBLIC Electronics...
TPRCLAMP3374N TECHPUBLIC-TPRCLAMP3374N Datasheet
1Mb / 4P
Low Capacitance Array for ESD Protection Diode
More results




O Texas Instruments


Texas Instruments (TI) to publicznie notowana firma, która projektuje i produkuje produkty półprzewodników i technologii komputerowych.

Został założony w 1930 roku i ma siedzibę w Dallas w Teksasie.

TI jest globalnym liderem w produkcji obwodów zintegrowanych analogowych i cyfrowych (DSP), a także wbudowanych procesorów i innych produktów mikrokontrolerów.

Firma obsługuje klientów w różnych branżach, w tym w elektronice motoryzacyjnej, komunikacyjnej, komputerowej, przemysłowej i konsumpcyjnej.

Portfolio produktów TI obejmuje między innymi konwertery danych, wzmacniacze i komparatory, układy powiększające się, mikrokontrolery, czujniki i rozwiązania łączności bezprzewodowej.

TI jest zaangażowany w innowacje i satysfakcję klientów i ma długą historię dostarczania klientom wysokiej jakości, niezawodnych produktów.

Koncentrując się na zrównoważonym rozwoju i efektywności energetycznej, TI poświęcono pozytywnemu wpływowi na świat poprzez technologię i produkty.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com