Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6120130 Arkusz danych (PDF) - Theben AG

6120130 Datasheet PDF - Theben AG
Numer części 6120130
Pobierz  6120130 Pobierz
Rozmiar pliku   737.88 Kbytes
Page   3 Pages
Producent  THEBEN [Theben AG]
Strona internetowa  www.theben.de
Logo THEBEN - Theben AG
Szczegółowy opis Time and light control Digital time switches

6120130 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
6120130 Datasheet PDF - Theben AG

Numer części 6120130
Pobierz  6120130 Click to download

Rozmiar pliku   737.88 Kbytes
Page   3 Pages
Producent  THEBEN [Theben AG]
Strona internetowa  www.theben.de
Logo THEBEN - Theben AG
Szczegółowy opis Time and light control Digital time switches

6120130 Arkusz danych (HTML) - Theben AG


6120130 Szczegóły Produktu

Description
- Digital time switch with weekly program
- 2 channels
- Programming by app possible
- Safe transfer via optional Bluetooth Low Energy OBELISK top3
- Maximum manipulation security, time switch programs can only be transferred from the app to the time switch when the Bluetooth OBELISK top3 is plugged into the time switch
- 100 % compatible with top2
- DuoFix spring terminals
- For 2 conductors each
- Wire or strand (with or without wire end sleeve)
- Wire diameter: 0.5 - 2.5 mm²
- Button for releasing plug-in connection
- Text-oriented user guidance in display
- Preset date and time
- fully operable without mains connection
- 56 memory locations
- Interface for OBELISK top2 memory card (PC programming)
- 2. insertable switching program
- Copying programs
- Storing programs
- 10 year power reserve (lithium battery)
- Zero-cross switching for relay-saving switching and high lamp loads (not with 24 V devices)
- ON-OFF switching times
- Switching preselection
- Permanent switching ON/OFF
- Integrated operating hour counter
- Reset option
- Service function for monitoring maintenance intervals
- Holiday program
- Display back light (can be turned off)
- Permanent switching ON/OFF
- PIN coding
- Automatic summer/winter time changeover
- can be deactivated
- Date rule options are already stored for Europe, the USA and other countries
- own date rule options or changeover around set dates are available




Podobny numer części - 6120130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
61201021621 WURTH-61201021621 Datasheet
884Kb / 7P
WR-BHD Male Box Header
003.000
61201021721 WURTH-61201021721 Datasheet
1Mb / 7P
WR-BHD Male Angled Box Header
002.000
61201022021 WURTH-61201022021 Datasheet
1Mb / 3P
2.54MM MALE BOX HEADER WITH SHORT LEVER
61201022121 WURTH-61201022121 Datasheet
817Kb / 7P
WR-BHD Male Angled Box Header
003.000
61201022323 WURTH-61201022323 Datasheet
810Kb / 6P
WR-BHD Board to Cable Transition Connector
002.000
More results


Podobny opis - 6120130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ELM Electronics
ELM303 ELM-ELM303 Datasheet
40Kb / 5P
Camcorder Time-Lapse Control
logo
Extech Instruments Corp...
44537 EXTECH-44537 Datasheet
172Kb / 1P
Digital World Time Clock
logo
Omron Electronics LLC
H5S OMRON-H5S Datasheet
4Mb / 27P
Digital Time Switch
logo
OSRAM GmbH
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
Day time running light
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
Day time running light
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
Day time running light
logo
STMicroelectronics
PM6686 STMICROELECTRONICS-PM6686 Datasheet
1Mb / 50P
Constant ON-time control
23-Jul-2009
logo
OSRAM GmbH
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
Day time running light
LUWCN7N OSRAM-LUWCN7N Datasheet
746Kb / 23P
Day time running light
logo
Maxim Integrated Produc...
MAX31629 MAXIM-MAX31629 Datasheet
575Kb / 21P
I2C Digital Thermometer and Real-Time Clock
Rev 1; 12/14
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com