Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VPX1A2ABRY2B Arkusz danych (PDF) - Honeywell Solid State Electronics Center

VPX1A2ABRY2B Datasheet PDF - Honeywell Solid State Electronics Center
Numer części VPX1A2ABRY2B
Pobierz  VPX1A2ABRY2B Pobierz
Rozmiar pliku   993.97 Kbytes
Page   9 Pages
Producent  HONEYWELL [Honeywell Solid State Electronics Center]
Strona internetowa  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Szczegółowy opis Valve Position Indicator

VPX1A2ABRY2B Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
VPX1A2ABRY2B Datasheet PDF - Honeywell Solid State Electronics Center

Numer części VPX1A2ABRY2B
Pobierz  VPX1A2ABRY2B Click to download

Rozmiar pliku   993.97 Kbytes
Page   9 Pages
Producent  HONEYWELL [Honeywell Solid State Electronics Center]
Strona internetowa  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Szczegółowy opis Valve Position Indicator

VPX1A2ABRY2B Arkusz danych (HTML) - Honeywell Solid State Electronics Center


VPX1A2ABRY2B Szczegóły Produktu

DESCRIPTION
Valve Position Indicator, VPX Series switches are built especially for outdoor use in potentially hazardous atmospheres. The switch enclosures are constructed to withstand the pressure of an internal explosion. Flame paths cool the exploded gases to a point less than the lowest safe operating temperature of the surrounding gas. The VPX Series versions equipped with the inductive proximity switches has the Intrinsically Safe (IS) rating. Regardless of where the equipment or machinery is designed, built or installed, the VPX Series products carry global agency coverage.
The VPX Series switches have standard rugged die-cast aluminum housing. The products housing is weather sealed for outdoor use and comply with NEMA 4X requirement for protection against corrosion, in addition to various NEMA enclosure standards.
The product’s o-ring seals make the enclosure rain tight, but are outside of required flame paths so explosion proof requirements are maintained. The VPX Series switches are available in multiple colors and angles, visible from all directions. Unless special ordered, all basic switches operate on clockwise and counterclockwise rotation.

FEATURES
• VPX Series switches are certified for ATEX, IEC Ex, CE, and cULus specifications for global applications that requires protection from explosive gases, vapors & combustible dust
coming soon: NEPSI and KOSHA certifications
• Die-cast aluminum housing and various sealing (NEMA 4, 4X, 6, and 13), certifies the VPX Series is rated for rain, wind, snow, ice and blowing dust environments
• Wide operating temperature range from -40 °C to 80 °C (see Table 1 for detailed specifications)
• Versions of the VPX with proximity switches carry an Intrinsically Safe (IS) rating
• Well suited for up to 500,000 actuation cycles
• Available in multiple indicator colors that is visible from all directions




Podobny numer części - VPX1A2ABRY2B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elma Electronic Ltd
VPX3-TL ELMA-VPX3-TL Datasheet
560Kb / 3P
Rugged 3U VPX Intel® Xeon® W-11865MRE Processor Blade
logo
Adlink Technology Inc.
VPX3000 ADLINK-VPX3000 Datasheet
1Mb / 4P
Military Storage and Data Processing
VPX3001 ADLINK-VPX3001 Datasheet
757Kb / 4P
Rugged 3U VPX 3rd Generation Intel Core i7 Processor Blade
VPX3010 ADLINK-VPX3010 Datasheet
886Kb / 4P
Rugged 3U VPX Intel Xeon Processor D-1500 Processor Blade
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
More results


Podobny opis - VPX1A2ABRY2B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Festo Corporation.
4046082 FESTO-4046082 Datasheet
80Kb / 1P
Position indicator
4077125 FESTO-4077125 Datasheet
80Kb / 1P
Position indicator
8140395 FESTO-8140395 Datasheet
73Kb / 1P
Position indicator
8140396 FESTO-8140396 Datasheet
71Kb / 1P
Position indicator
8140397 FESTO-8140397 Datasheet
68Kb / 1P
Position indicator
logo
Balluff Korea Ltd.
BDG0292 BALLUFF-BDG0292 Datasheet
138Kb / 2P
Position Indicator
logo
Festo Corporation.
8137189 FESTO-8137189 Datasheet
74Kb / 1P
Position indicator
7/20/22
8137190 FESTO-8137190 Datasheet
71Kb / 1P
Position indicator
7/20/22
8137191 FESTO-8137191 Datasheet
69Kb / 1P
Position indicator
7/20/22
8137195 FESTO-8137195 Datasheet
77Kb / 1P
Position indicator
7/20/22
More results




O Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com