Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VPX1A2ABRY2B Arkusz danych(PDF) 8 Page - Honeywell Solid State Electronics Center

Numer części VPX1A2ABRY2B
Szczegółowy opis  Valve Position Indicator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HONEYWELL [Honeywell Solid State Electronics Center]
Strona internetowa  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

VPX1A2ABRY2B Arkusz danych(HTML) 8 Page - Honeywell Solid State Electronics Center

  VPX1A2ABRY2B Datasheet HTML 1Page - Honeywell Solid State Electronics Center VPX1A2ABRY2B Datasheet HTML 2Page - Honeywell Solid State Electronics Center VPX1A2ABRY2B Datasheet HTML 3Page - Honeywell Solid State Electronics Center VPX1A2ABRY2B Datasheet HTML 4Page - Honeywell Solid State Electronics Center VPX1A2ABRY2B Datasheet HTML 5Page - Honeywell Solid State Electronics Center VPX1A2ABRY2B Datasheet HTML 6Page - Honeywell Solid State Electronics Center VPX1A2ABRY2B Datasheet HTML 7Page - Honeywell Solid State Electronics Center VPX1A2ABRY2B Datasheet HTML 8Page - Honeywell Solid State Electronics Center VPX1A2ABRY2B Datasheet HTML 9Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 sensing.honeywell.com
Valve Position Indicator, VPX Series
Table 6. Lever Actuator Accessories
Lever Listing
Description
LSZ51
Fixed, rollerless (1.5 R)
LSZ51A
Fixed, 0.75 in x 0.25 in nylon roller, open (1.5 R)
LSZ51C
Fixed, 0.75 in x 0.25 in nylon roller, closed (1.5 R)
LSZ52C
Adjustable, 0.75 in x 0.25 in nylon roller, closed
LSZ52J
Adjustable, 1.0 in x 0.5 in nylon roller, closed
LSZ52K
Adjustable, 1.25 in x 0.25 in nylon roller, closed
LSZ53E
Yoke, 0.75 in x 0.25 in nylon rollers, closed & open
LSZ53S
Yoke, 0.75 in x 0.25 in nylon rollers, same side closed
LSZ54
Hub only
LSZ54M
Hub, aluminum rod actuator
LSZ55
Offset lever, rollerless
LSZ55A
Offset, 0.75 in x 0.25 in nylon roller, open
LSZ55C
Offset, 0.75 in x 0.25 in nylon roller, closed
LSZ59A
Fixed, 0.75 in x 0.25 in nylon roller, open (1.33 R)
LSZ59C
Fixed, 0.75 in x 0.25 in nylon roller, closed (1.33 R)



Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com