Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMUX4051-EP Arkusz danych (PDF) - Texas Instruments

TMUX4051-EP Datasheet PDF - Texas Instruments
Numer części TMUX4051-EP
Pobierz  TMUX4051-EP Pobierz
Rozmiar pliku   1741.06 Kbytes
Page   30 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis TMUX405x-EP Enhanced Product 24V, 8:1, 1-Channel, 4:1, 2-Channel, and 2:1, 3-Channel Multiplexers with 1.8V Logic

TMUX4051-EP Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
TMUX4051-EP Datasheet PDF - Texas Instruments

Numer części TMUX4051-EP
Pobierz  TMUX4051-EP Click to download

Rozmiar pliku   1741.06 Kbytes
Page   30 Pages
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments
Szczegółowy opis TMUX405x-EP Enhanced Product 24V, 8:1, 1-Channel, 4:1, 2-Channel, and 2:1, 3-Channel Multiplexers with 1.8V Logic

TMUX4051-EP Arkusz danych (HTML) - Texas Instruments


TMUX4051-EP Szczegóły Produktu

1 Features
• VID V62/25616
• EP (Enhanced Product) qualified for high-reliability
applications
• Supports defense and aerospace applications:
– Controlled baseline
– One fabrication site
– One assembly and test site
– Military temperature range: –55°C to +125°C TA
– Extended product life cycle
– Product traceability
• Single supply range: 5V to 24V
• Dual supply range: up to ±12V
• Low capacitance: 3pF
• Bidirectional signal path
• Rail-to-rail operation
• 1.8V logic compatible
• Break-before-make switching
• ESD protection HBM: 2000V




Podobny numer części - TMUX4051-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMUX4051-EP TI2-TMUX4051-EP Datasheet
1Mb / 30P
TMUX405x-EP Enhanced Product 24V, 8:1, 1-Channel, 4:1, 2-Channel, and 2:1, 3-Channel Multiplexers with 1.8V Logic
OCTOBER 2026
More results


Podobny opis - TMUX4051-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 31P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
MAY 2022
TMUX4051-Q1 TI-TMUX4051-Q1 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V01 Datasheet
1Mb / 30P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022
TMUX4051 TI-TMUX4051_V01 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4051 TI-TMUX4051_V02 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4051-Q1 TI-TMUX4051-Q1_V02 Datasheet
1Mb / 31P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051-Q1 TI1-TMUX4051-Q1_V03 Datasheet
1Mb / 31P
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
TMUX4051 TI1-TMUX4051_V03 Datasheet
2Mb / 42P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
More results



Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com