| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 Texas Instruments |
TMUX6208
|
2Mb / 49P |
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
|
|
TMUX6208
|
3Mb / 51P |
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021 |
|
TMUX4051
|
1Mb / 31P |
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
MAY 2022 |
|
TMUX4051-Q1
|
1Mb / 30P |
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022 |
|
TMUX4051-Q1
|
1Mb / 30P |
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
JUNE 2022 |
|
TMUX4051
|
1Mb / 38P |
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022 |
|
TMUX4051
|
1Mb / 38P |
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022 |
|
TMUX4051-Q1
|
1Mb / 31P |
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023 |
|
TMUX4051-Q1
|
1Mb / 31P |
TMUX405x-Q1 Automotive 24-V, 8:1, 1-Channel, and 4:1, 2-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023 |
|
TMUX4051
|
2Mb / 42P |
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023 |